Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16899 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74ALVT16899
Description  2.5V/3.3V 18-bit latched transceiver with 16-bit parity generator/checker 3-State
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16899 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74ALVT16899 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 13Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 14Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 15Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 16Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 17Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Philips Semiconductors
Product specification
74ALVT16899
2.5V/3.3V 18-bit latched transceiver with 16-bit parity
generator/checker (3-State)
1998 Jun 30
14
An
(Bn)
INPUT
APAR
(BPAR)
0
ODD/EVEN
EVEN PARITY
ODD PARITY
EVEN PARITY
1
LEA
(LEB)
tPHL
VM
ERRA
(ERRB)
INPUT
OUTPUT
tPLH
VM
VM
VM
NOTE: Only odd parity mode is shown. Even parity mode would be with ODD/EVEN = o
SA00299
Waveform 9. Propagation Delay, LEA to ERRA or LEB to ERRB
An
(Bn)
tPHL
VM
VM
VM
BPAR
(APAR)
INPUT
OUTPUT
APAR
(BPAR)
0
ODD/EVEN
1
tPLH
VM
EVEN PARITY
SEL
INPUT
NOTE: Only even parity mode is shown with even parity. Odd parity mode would cause inverted output
and odd parity mode would be with ODD/EVEN = 1
SA00300
Waveform 10. Propagation Delay, SEL to BPAR or SEL to APAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com