Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16899 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVT16899
Description  2.5V/3.3V 18-bit latched transceiver with 16-bit parity generator/checker 3-State
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16899 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVT16899 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Philips Semiconductors
Product specification
74ALVT16899
2.5V/3.3V 18-bit latched transceiver with 16-bit parity
generator/checker (3-State)
1998 Jun 30
3
PIN CONFIGURATION
SV01731
GND
1B6
SEL
GND
OEA
ODD/EVEN
1A6
1A3
1B3
2A7
2B7
2A4
2B4
2B1
OEB
2A1
LEB
2A0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
1A0
1A1
1A2
1A4
VCC
1A5
1A7
1APAR
1ERRA
GND
2ERRA
2APAR
2A6
2A5
VCC
2A3
2A2
GND
LEA
1B0
1B2
1B1
1B4
VCC
1B5
1B7
1BPAR
1ERRB
GND
2ERRB
2BPAR
2B6
2B5
VCC
2B3
2B2
GND
2B0
PIN DESCRIPTION
SYMBOL
PIN
NUMBER
NAME AND FUNCTION
1A0 - 1A7
2A0 - 2A7
3, 5, 6, 7, 8, 10, 11, 12
27, 25, 24, 23, 22, 20, 19, 18
Latched A bus 3-State inputs/outputs
1B0 - 1B7
2B0 - 2B7
54, 52, 51, 50, 49, 47, 46, 45
30, 32, 33, 34, 35, 37, 38, 39
Latched B bus 3-State inputs/outputs
1APAR
2APAR
13, 17
A bus parity 3-State input/output
1BPAR
2BPAR
44, 40
B bus parity 3-State input/output
ODD/EVEN
1
Parity select input (Low for EVEN parity)
OEA, OEB
2, 29
Output enable inputs (gate A to B,
B to A)
SEL
56
Mode select input (Low for generate)
LEA, LEB
55, 28
Latch enable inputs (transparent High)
1ERRA, 1ERRB
2ERRA, 2ERRB
14, 43,
16, 41
Error signal outputs (active-Low)
GND
4, 15, 26, 31, 42, 53
Ground (0V)
VCC
9, 21, 36, 48
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com