Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16899 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74ALVT16899
Description  2.5V/3.3V 18-bit latched transceiver with 16-bit parity generator/checker 3-State
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16899 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVT16899 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 13Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 14Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Philips Semiconductors
Product specification
74ALVT16899
2.5V/3.3V 18-bit latched transceiver with 16-bit parity
generator/checker (3-State)
1998 Jun 30
11
AC WAVEFORMS
VM = 1.5V or VCC/2 whichever is less; VIN = GND to 3.0V
SW00160
nAx INPUT
VM
nYx OUTPUT
tPHL
tPLH
VM
VM
VM
3.0V or VCC,
whichever is less
0
VOH
VOL
Waveform 1.
Input (nAx) to Output (nYx) Propagation Delays
nOE
INPUT
VM
VM
tPZH
tPHZ
nYx
OUTPUT
VOH
VM
VM
nYx
OUTPUT
VOL
tPZL
tPLZ
0V
VX
VY
3.0V or VCC
whichever is
less
0V
SW00204
Waveform 2. 3-State Output Enable and Disable Times
An, APAR
(Bn, BPAR)
VM
tPLH
tPHL
VM
VM
VM
Bn, BPAR
(An, APAR)
SEL
1
INPUT
OUTPUT
SA00293
Waveform 3. Propagation Delay, An to Bn, Bn to An, APAR to BPAR, BPAR to APAR
An
(Bn)
tPLH
VM
VM
VM
BPAR
(APAR)
LEA
(LEB)
1
INPUT
OUTPUT
ODD/EVEN
0
SEL
0
tPHL
VM
ODD PARITY
EVEN PARITY
ODD PARITY
NOTE: Only even parity mode is shown, odd parity mode would be with ODD/EVEN = 1
SA00294
Waveform 4. Propagation Delay, An to BPAR or Bn to APAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com