Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC9708 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC9708
Description  6-Channel 8-Bit uP Compatible A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC9708 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC9708 Datasheet HTML 1Page - National Semiconductor (TI) ADC9708 Datasheet HTML 2Page - National Semiconductor (TI) ADC9708 Datasheet HTML 3Page - National Semiconductor (TI) ADC9708 Datasheet HTML 4Page - National Semiconductor (TI) ADC9708 Datasheet HTML 5Page - National Semiconductor (TI) ADC9708 Datasheet HTML 6Page - National Semiconductor (TI) ADC9708 Datasheet HTML 7Page - National Semiconductor (TI) ADC9708 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Notes 1 2)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
18V
Comparator Output (Ramp Stop)
b
03V to a18V
Analog Input Range
b
03V to a30V
Digital Input Range
b
03V to a30V
Output Sink Current
10 mA
Storage Temperature Range
b
65 Cto a150 C
Continuous Total Dissipation (Note 8)
Ceramic DIP Package
900 mW
Molded DIP Package
1000 mW
ESD Susceptibility (Note 9)
TBD
Pin Temperature
Ceramic DIP (Soldering 60 Sec)
300 C
Molded DIP (Soldering 10 Sec)
260 C
Operating Ratings (Notes 1 2)
Operating Temperature Range
ADC9708CCN ADC9708CCJ
0 Cto a70 C
ADC9708CMJ
b
55 Cto a125 C
Supply Voltage (VCC)
475V to 15V
Reference Voltage
(VREF) (Note 3)
28V to 525V
Ramp Capacitor (CH)
300 pF
Reference Current (IR)12 mAto50 mA
Analog Input Range
0V to VREF
Ramp Stop Output Current
16 mA
Electrical Characteristics
Over recommended operating conditions VCC e 50V b55 C s TA s a125 C for ADC9708CMJ and 0 C s TA s a70 C for
ADC9708CCJ or ADC9708CCN unless otherwise specified
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 10)
(Note 11)
(Limit)
EA
Conversion Accuracy
Over Entire Temperature
g
02
g
03
% (max)
Range (Note 4)
ER
Linearity
Applies to Any One
g
008
g
02
% (max)
Channel (Note 5)
VOSM
Multiplexer Input Offset Voltage
Channel ON TA e 25 C
20
40
mV (max)
Channel ON
20
70
mV (max)
tC
Conversion Time per Channel
Analog Input e 0V to VREF
296
350
m
s (max)
CH e 300 pF IREF e 50 mA
tA
Acquisition Time
CH e 1000 pF
20
40
m
s (max)
IA
Acquisition Current
ADC9708CCN CCJ
150
m
A (min)
ADC9708CMJ
115
m
A (min)
tO
Ramp Start Delay Time
100
ns
tM
Multiplexer Address Time
10
m
s
VIH
Digital Input HIGH Voltage
A0 A1 A2 Ramp Start
20
V (min)
VIL
Digital Input LOW Voltage
A0 A1 A2 Ramp Start
08
V
IB
Analog Input Current
Channel ON or OFF
b
10
b
30
m
A (min)
IIL
Input LOW Current
A0 A1 A2 Ramp Start e 04V
b
5
b
15
m
A (min)
IIH
Input HIGH Current
A0 A1 A2 Ramp Start e 55V
10
m
A (max)
IOS
Input Offset Current
10
30
m
A (max)
IOH
Comparator Logic ‘‘1’’
VOH e 15V
10
m
A (max)
Output Leakage Current
VOL
Comparator Logic ‘‘0’’ Output
IOL e 16 mA
04
V (max)
Voltage
PSRR
Power Supply Rejection Ratio
(Note 6)
40
dB (min)
Cross Talk between
(Note 7)
60
dB (min)
Any Two Channels
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com