Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC9708 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC9708
Description  6-Channel 8-Bit uP Compatible A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC9708 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC9708 Datasheet HTML 1Page - National Semiconductor (TI) ADC9708 Datasheet HTML 2Page - National Semiconductor (TI) ADC9708 Datasheet HTML 3Page - National Semiconductor (TI) ADC9708 Datasheet HTML 4Page - National Semiconductor (TI) ADC9708 Datasheet HTML 5Page - National Semiconductor (TI) ADC9708 Datasheet HTML 6Page - National Semiconductor (TI) ADC9708 Datasheet HTML 7Page - National Semiconductor (TI) ADC9708 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Test Circuits (Continued)
TLH10409 – 9
FIGURE 3 LinearityAcquisition Time
Conversion Time Test Circuit
TLH10409 – 10
FIGURE 4 Static Measurements
Functional Description
This Analog to Digital Converter is a single-slope 8-bit
6-channel AD converter that provides all of the necessary
analog functions for a microprocessor-based datacontrol
system The device uses the processor system to provide
the necessary addressing timing and counting functions
and includes a 1-of-8 decoder 8-channel analog multiplex-
er sample and hold precision current reference ramp inte-
grator and comparator on a single monolithic chip
Applications that require auto-zero or auto-calibration (See
Figures 5 – 8 ) can use selection of address 000 and 111 for
input address lines A0 – A2 in conjunction with the arithme-
tic capability of a microprocessor to provide ground and
scaling factors Address 0 0 0 internally connects the input
of the ramp generator to ground and may be used for zero
offset correction in subsequent conversions Address 1 1
1 internally connects the input of the ramp generator to the
voltage reference VREF and may be used for scale factor
correction in subsequent conversions For the following re-
fer to the Functional Block Diagram
Six separate external analog voltage inputs may come into
terminals I1 – I6 and the specific analog input to be convert-
ed is selected via address terminals A0 – A2 The analog
input voltage level is transferred to the external ramp capac-
itor connected to pin 4 when the input to the ramp start
terminal (pin 3) is at a logic 0 (See
Figure 1 ) The time to
charge the capacitor is the acquisition time which is a func-
tion of the output impedance of an amplifier internal to the
AD converter and the value of the capacitor After charging
the external capacitor the ramp start terminal is switched to
a logic 1 which introduces a high impedance between the
analog input voltage and the external capacitor
The capacitor begins to discharge at a controlled rate The
controlled rate of discharge (ramp) is established by the ex-
ternal reference voltage the external reference resistor the
value of the external capacitor and the internal leakage of
the AD converter Connected to the capacitor terminal is a
comparator internal to the AD converter with its output go-
ing to the ramp stop terminal (pin 7) The comparator output
is a logic one when the capacitor is charged and switches to
a logic 0 when the capacitor is in a discharged state The
ramp time is from the time when ramp start goes HIGH (log-
ic ‘‘1’’) to when ramp stop goes LOW (logic ‘‘0’’) The micro-
processor must be programmed to determine this conver-
sion time The ideal (no undesirable internal source imped-
ances leakage paths errors on levels where comparator
switches or delay time) conversion time is calculated as fol-
lows
Ramp Time e V1
CH
IR
Where
V1 e Analog Input Voltage Being Measured
CH e External Ramp Capacitor
IR e
VCC b VREF
RREF
Where
VCC e Power Supply Voltage
VREF e Reference Voltage
RREF e Reference Resistor
In actual use the errors due to a nonideal AD converter can
be minimized by using a microprocessor to make the calcu-
lations (See
Figures 5 through 8 )
Channel Selection
Input Address Line
Selected
A2
A1
A0
Analog Input
0
0
0
Ground
001
I1
010
I2
011
I3
100
I4
101
I5
110
I6
111
VREF
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com