Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC9708 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC9708
Description  6-Channel 8-Bit uP Compatible A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC9708 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC9708 Datasheet HTML 1Page - National Semiconductor (TI) ADC9708 Datasheet HTML 2Page - National Semiconductor (TI) ADC9708 Datasheet HTML 3Page - National Semiconductor (TI) ADC9708 Datasheet HTML 4Page - National Semiconductor (TI) ADC9708 Datasheet HTML 5Page - National Semiconductor (TI) ADC9708 Datasheet HTML 6Page - National Semiconductor (TI) ADC9708 Datasheet HTML 7Page - National Semiconductor (TI) ADC9708 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLH10409
October 1991
ADC9708
6-Channel 8-Bit mP Compatible AD Converter
General Description
The ADC9708 is a single slope 8-bit 6-channel ADC sub-
system that provides all of the necessary analog functions
for a microprocessor-based data control system The device
uses an external microprocessor system to provide the nec-
essary addressing timing and counting functions and in-
cludes a 1-of-8 decoder 8-channel analog multiplexer sam-
ple and hold ramp integrator precision ramp reference and
a comparator on a single monolithic chip
Features
Y
MPU compatible
Y
Excellent linearity over full temperature
range g02% maximum
Y
Typical 300 ms conversion time per channel
Y
Wide dynamic range includes ground
Y
Auto-zero and full-scale correction capability
Y
Ratiometric conversionno precision reference
required
Y
Single-supply operation
Y
TTL compatible
Y
Does not require access to data bus or address bus
Connection Diagram
All Packages
TLH10409 – 2
(Top View)
Ordering Information
Commercial (0 C s TA s 70 C)
Package
ADC9708CCN
N16E
ADC9708CCJ
J16A
Military (b55 C s TA s 125 C)
Package
ADC9708CMJ
J16A
Block Diagram
TLH10409 – 1
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - ADC9708

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC908AX ETC1-ADC908AX Datasheet
859Kb / 12P
CMOS MICROPROCESSOR - COMPATIBLE FAST 8 - BIT A/D CONVERTER
ADC908BX ETC1-ADC908BX Datasheet
859Kb / 12P
CMOS MICROPROCESSOR - COMPATIBLE FAST 8 - BIT A/D CONVERTER
ADC908EX ETC1-ADC908EX Datasheet
859Kb / 12P
CMOS MICROPROCESSOR - COMPATIBLE FAST 8 - BIT A/D CONVERTER
ADC908FP ETC1-ADC908FP Datasheet
859Kb / 12P
CMOS MICROPROCESSOR - COMPATIBLE FAST 8 - BIT A/D CONVERTER
ADC908FS ETC1-ADC908FS Datasheet
859Kb / 12P
CMOS MICROPROCESSOR - COMPATIBLE FAST 8 - BIT A/D CONVERTER
More results

Similar Description - ADC9708

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0801 NSC-ADC0801 Datasheet
1Mb / 41P
8-Bit uP Compatible A/D Converters
ADC0808 NSC-ADC0808 Datasheet
264Kb / 14P
8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0841 NSC-ADC0841 Datasheet
380Kb / 16P
8-Bit P Compatible A/D Converter
logo
NXP Semiconductors
NE5018 PHILIPS-NE5018 Datasheet
69Kb / 6P
8-Bit mp-compatible D/A converter
August 31, 1994
logo
fujitsu semiconductor
MB4053 FUJITSU-MB4053 Datasheet
135Kb / 17P
6-Channel 8-BIT A/D Converter
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
National Semiconductor ...
ADC080X NSC-ADC080X Datasheet
2Mb / 3P
8 BIT UP COMPATIBLE A/D CONVERTERS
UA9708 NSC-UA9708 Datasheet
203Kb / 6P
6-CHANNEL 8-BIT uP COMPATIBLE A/D CONVERTER
ADC0808 NSC-ADC0808_07 Datasheet
394Kb / 16P
8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808 NSC-ADC0808_95 Datasheet
348Kb / 14P
8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com