Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC9708 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC9708
Description  6-Channel 8-Bit uP Compatible A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC9708 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC9708 Datasheet HTML 1Page - National Semiconductor (TI) ADC9708 Datasheet HTML 2Page - National Semiconductor (TI) ADC9708 Datasheet HTML 3Page - National Semiconductor (TI) ADC9708 Datasheet HTML 4Page - National Semiconductor (TI) ADC9708 Datasheet HTML 5Page - National Semiconductor (TI) ADC9708 Datasheet HTML 6Page - National Semiconductor (TI) ADC9708 Datasheet HTML 7Page - National Semiconductor (TI) ADC9708 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Functional Description (Continued)
Auto-Zero and Full-Scale Features
No Zero Offset
TLH10409 – 3
No Full-Scale Error
Count (n) e
VIN
VREF
c
256
FIGURE 5 Ideal Transfer Function
NFS i 256
TLH10409 – 4
NZ i 0
(N) has both full-scale and zero errors
FIGURE 6 Transfer Function with
Zero and Full-Scale Error
N e N b NZ
TLH10409 – 5
N has Full-Scale Error
FIGURE 7 Transfer Functions with
Zero-Correction Added
TLH10409 – 6
N e (N b NZ) c
256
(NFS b NZ)
FIGURE 8 Transfer Function with both Zero and
Full-Scale Correction Added
Typical Applications
Application Suggestions and Formulas
1 The capacitor node impedance is approximately 30 mX
and should have no parallel resistance for proper opera-
tion
2 tR when VIN e 0V will be finite (ie the comparator will
always toggle for VIN t 0V)
3 The ramp stop output is open collector and an external
pull-up resistor is required
4 All digital inputs and outputs are TTL compatible
5 For proper operation timing commences on the 0 to 1
transition of ramp start and terminates on the 1 to 0 tran-
sition of ramp stop
6 tA t
CH
IA b IR
c
VREF (See Figure 1 )
7 tR (ramp time) e
CH
IR
c
VIN tR
lmax e
CH
IR
c
VREF
(See
Figure 1 )
8 IR e
VCC b VREF
RREF
9 2V s VREF s (VCC b 2V)
10 Address lines A0 A1 A2 must be stable throughout the
sampling interval tA
11 Pin 6 (RREF) should be bypassed to ground via a 002
m
F capacitor
Microprocessor Considerations
Several alternatives exist from a hardwaresoftware stand-
point in microprocessor based systems using the ADC9708
1 The ramp time measurement may be implemented in
software using a register increment followed by a branch
back depending on the status of the ramp stop
2 Alternately the ramp stop may be tied into the interrupt
structure in systems containing a programmable binary
timer This scheme has the following advantages
a The CPU is not committed during the ramp time inter-
val
b It requires only 5 bits of an IO port for control signals
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com