Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC9708 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC9708
Description  6-Channel 8-Bit uP Compatible A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC9708 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC9708 Datasheet HTML 1Page - National Semiconductor (TI) ADC9708 Datasheet HTML 2Page - National Semiconductor (TI) ADC9708 Datasheet HTML 3Page - National Semiconductor (TI) ADC9708 Datasheet HTML 4Page - National Semiconductor (TI) ADC9708 Datasheet HTML 5Page - National Semiconductor (TI) ADC9708 Datasheet HTML 6Page - National Semiconductor (TI) ADC9708 Datasheet HTML 7Page - National Semiconductor (TI) ADC9708 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Electrical Characteristics
Over recommended operating conditions VCC e 50V b55 C s TA s a125 C for ADC9708CMJ and 0 C s TA s a70 C for
ADC9708CCJ or ADC9708CCN unless otherwise specified (Continued)
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 10)
(Note 11)
(Limit)
ICC
Power Supply Current
VCC e 5V to 15V I0 e 0
75
15
mA (max)
CIN
Input Capacitance
30
pF
COUT
Comparator Output Capacitance
50
pF
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur Operating Ratings indicate conditions for which the device is
intended to be functional These ratings do not guarantee specific performance limits however For guaranteed specifications and test conditions see the
Electrical Characteristics The guaranteed specifications apply only for the test conditions listed Some performance characteristics may degrade when the device
is not operated under the listed test conditions
Note 2
All voltages are measured with respect to GND unless otherwise specified
Note 3
VREF should not exceed VCC b 2V
Note 4
Conversion accuracy is defined as the deviations from a straight line drawn between the points defined by channel address 000 (0 scale) and channel
address 111 (full scale) for all channels
Note 5
Linearity is defined as the deviation from a straight line drawn between the 0 and full scale points for each channel
Note 6
Power supply rejection ratio is defined as the conversion error contributed by power supply voltage variations while resolving mid scale on any channel
Note 7
Cross Talk between channels e 20 log
D
VCH
D
VI
Note 8
Caution should be taken not to exceed absolute maximum power rating when the device is operating in a severe fault condition (ex when any inputs or
outputs exceed the power supply) The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction
temperature) iJA (package junction to ambient thermal resistance) and TA (ambient temperature) The maximum allowable power dissipation at any temperature
is PDmax e (TJmax b TA) iJA or the number given in the Absolute Maximum Ratings whichever is lower For this device TJmax e 150 C and the typical thermal
resistance (iJA) for board mounting follow
ADC9708CCN
62 CW
ADC9708CCJ ADC9708CMJ
58 CW
Note 9
Human body model 100 pF discharged through a 15 kX resistor
Timing Diagram
TLH10409 – 7
FIGURE 1 Equivalent Timing Waveform for
Test Circuits and Applications
Note 10
Typicals are at a25 C and represent most likely parametric norm
Note 11
Tested limits are guaranteed to National’s AOQL (Average Outgo-
ing Quality Level)
Test Circuits
Input Timing
TLH10409 – 8
tA l 400 ms
VREF e
 33kX
2kX a 33 kX
J 5Ve31
IR e
5 b 31
100 kX
e
19 mA
tR
l
max
e
full scale ramp time
e
001 c 10b6
19 c 10b6
c
31 e 16 ms
Note
For evaluation purposesthe ramp start timing generation can be im-
plemented with an LM555 timer (astable operation) or MPU evaluation kit
and a time interval meter for ramp time measurement The TIM meter will
measure the time between to 0 to 1 transition of the ramp start and the 1 to
0 transition of the ramp stop The ramp stop is open collector and must
have an external pull-up resistor to VCC
FIGURE 2 Slow Speed Evaluation Circuit
for Ratiometric Operation
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com