Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP226C Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP226C
Description  Single-Chip 1k and 2k CMOS Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP226C Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button COP226C Datasheet HTML 14Page - National Semiconductor (TI) COP226C Datasheet HTML 15Page - National Semiconductor (TI) COP226C Datasheet HTML 16Page - National Semiconductor (TI) COP226C Datasheet HTML 17Page - National Semiconductor (TI) COP226C Datasheet HTML 18Page - National Semiconductor (TI) COP226C Datasheet HTML 19Page - National Semiconductor (TI) COP226C Datasheet HTML 20Page - National Semiconductor (TI) COP226C Datasheet HTML 21Page - National Semiconductor (TI) COP226C Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Option List (Continued)
Option 28 D0 Output
(same as option 17)
Option 29 Internal Initialization Logic
e
0 Normal operation
e
1 No internal initialization logic
Option 30e0 No Option Available
Option 31 Timer
e
0 Time-base counter
e
1 External event counter
Option 32e0 No Option Available
Option 33 COP bonding See note
(1k and 2k Microcontroller)
e
0 28-pin package
e
1 24-pin package
(1k Microcontroller only)
e
3 20-pin package
e
5 24- and 20-pin package
NoteIf opt
33e0 then opt
9
10
19
and 20
muste1
If opt
33e1 then opt
9 10 19 and 20 muste2 and
option
31 muste0
If opt
33e3 or 5 then opt
9 10 19 20 muste2 and
opt
21 22 31 muste0
Option 34e0 No Option Available
Option 35e0 No Option Available
Option Table
The following option information is to be sent to National along with the EPROM
OPTION DATA
OPTION
1 VALUE e
0
IS GROUND PIN
OPTION
2 VALUE e
IS CKO PIN
OPTION
3 VALUE e
IS CKI INPUT
OPTION
4 VALUE e
1
IS RESET INPUT
OPTION
5 VALUE e
IS L7 DRIVER
OPTION
6 VALUE e
IS L6 DRIVER
OPTION
7 VALUE e
IS L5 DRIVER
OPTION
8 VALUE e
IS L4 DRIVER
OPTION
9 VALUE e
IS IN1 INPUT
OPTION 10 VALUE e
IS IN2 INPUT
OPTION 11 VALUE e
0
IS VCC PIN
OPTION 12 VALUE e
IS L3 DRIVER
OPTION 13 VALUE e
IS L2 DRIVER
OPTION 14 VALUE e
IS L1 DRIVER
OPTION 15 VALUE e
IS L0 DRIVER
OPTION 16 VALUE e
1
IS SI INPUT
OPTION 17 VALUE e
IS SO DRIVER
OPTION 18 VALUE e
IS SK DRIVER
OPTION DATA
OPTION 19 VALUE e
IS IN0 INPUT
OPTION 20 VALUE e
IS IN3 INPUT
OPTION 21 VALUE e
IS G0 IO PORT
OPTION 22 VALUE e
IS G1 IO PORT
OPTION 23 VALUE e
IS G2 IO PORT
OPTION 24 VALUE e
IS G3 IO PORT
OPTION 25 VALUE e
IS D3 OUTPUT
OPTION 26 VALUE e
IS D2 OUTPUT
OPTION 27 VALUE e
IS D1 OUTPUT
OPTION 28 VALUE e
IS D0 OUTPUT
OPTION 29 VALUE e
IS INT INIT LOGIC
OPTION 30 VALUE e
0
IS NA
OPTION 31 VALUE e
IS TIMER
OPTION 32 VALUE e
0
IS NA
OPTION 33 VALUE e
IS COP BONDING
OPTION 34 VALUE e
0
IS NA
OPTION 35 VALUE e
0
IS NA
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com