Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP226C Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP226C
Description  Single-Chip 1k and 2k CMOS Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP226C Datasheet(HTML) 4 Page - National Semiconductor (TI)

  COP226C Datasheet HTML 1Page - National Semiconductor (TI) COP226C Datasheet HTML 2Page - National Semiconductor (TI) COP226C Datasheet HTML 3Page - National Semiconductor (TI) COP226C Datasheet HTML 4Page - National Semiconductor (TI) COP226C Datasheet HTML 5Page - National Semiconductor (TI) COP226C Datasheet HTML 6Page - National Semiconductor (TI) COP226C Datasheet HTML 7Page - National Semiconductor (TI) COP226C Datasheet HTML 8Page - National Semiconductor (TI) COP226C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
RETS COP244CX AC Parameters Test Conditions 53V s VCC s 3V Unless Otherwise Specified
Symbol
Parameter
VCC
Conditions
Test
SBGRP 9
SBGRP 10
SBGRP 11
Limits
(25 C)
Drift
Units
a
25 C
a
125 C
b
55 C
Min
Max
Min
Max
Min
Max
tCC
Instruction Cycle
Mode Divided by 8
80
125
80
125
80
125
m
s
Time (Note 1)
VDD e 3V
FIN
Operating Clock
VDD e 3V
64
100
64
100
64
100
kHz
Frequency (Note 1)
30% s Duty Cycle s 50%
Inputs
tSETUP (Note 2)
V e 45V
2
2
2
m
s
tSETUP-G Inputs
32
32
32
m
s
For SKGZ
SKGBZ
(Note 2)
tHOLD (Note 1)
06
06
06
m
s
tPD1
Output Prop Delay
45V
RL e 5k CL e 100 pF
6
6
6
m
s
tPD2
(Note 1)
VOUT e 15V
6
6
6
m
s
RETS COP244CX
DEVICE COP244C-XXXD883
FUNCTION 4-BIT CMOS MICROCONTROLLER
Note 1
Parameter tested go-no-go only
Note 2
Guaranteed by design and not tested
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com