Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP226C Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP226C
Description  Single-Chip 1k and 2k CMOS Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP226C Datasheet(HTML) 3 Page - National Semiconductor (TI)

  COP226C Datasheet HTML 1Page - National Semiconductor (TI) COP226C Datasheet HTML 2Page - National Semiconductor (TI) COP226C Datasheet HTML 3Page - National Semiconductor (TI) COP226C Datasheet HTML 4Page - National Semiconductor (TI) COP226C Datasheet HTML 5Page - National Semiconductor (TI) COP226C Datasheet HTML 6Page - National Semiconductor (TI) COP226C Datasheet HTML 7Page - National Semiconductor (TI) COP226C Datasheet HTML 8Page - National Semiconductor (TI) COP226C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AC Electrical Characteristics b55 CsTAs a125 C a45VsVCCs a55V unless otherwise specified
Parameter
Conditions
Min
Max
Units
Instruction Cycle Time (tc)
44
DC
m
s
Operating CKI
d
4 mode
DC
09
MHz
Frequency
d
8 mode
DC
18
MHz
d
16 mode
(
DC
36
MHz
Duty Cycle (Note 4)
f1e36 MHz
40
60
%
Rise Time (Note 4)
f1e36 MHz External Clock
60
ns
Fall Time (Note 4)
f1e36 MHz External Clock
40
ns
Instruction Cycle Time
Re30k g5%
RC Oscillator (Note 4)
Ce82 pF g5% (d4 Mode)
6
18
m
s
Inputs (See
Figure 3 ) (Note 4)
tSETUP
G Inputs
tc4a08
m
s
SI Input
033
m
s
All Others
19
m
s
tHOLD
04
m
s
Output Propagation Delay
VOUTe15V CLe100 pF RLe5k
tPD1 tPD0
14
m
s
Note 1
Supply current is measured after running for 2000 cycle times with a square-wave clock on CKI CKO open and all other pins pulled up to VCC with 5k
resistors See current drain equation on page 13
Note 2
The HALT mode will stop CKI from oscillating in the RC and crystal configurations Test conditions all inputs tied to VCC L lines in TRI-STATE mode and
tied to ground all outputs low and tied to ground
Note 3
When forcing HALT current is only needed for a short time (approx 200 ns) to flip the HALT flip-flop
Note 4
This parameter is not tested but guaranteed by design Variation due to the device included
Note 5
Voltage change must be less than 025 volts ina1ms period
Note 6
SO output sink current must be limited to keep VOL less than 02 VCC when part is running in order to prevent entering test mode
RETS COP244CX DC Parameters Test Conditions 53V s VCC s 3V Unless Otherwise Specified
Symbol
Parameter
(Note 1)
VCC
Conditions
Test
SBGRP 1
SBGRP 2
SBGRP 3
Limits
(25 C)
Drift
Units
a
25 C
a
125 C
b
55 C
Min
Max
Min
Max
Min
Max
IDD1
Supply Current
VDD e 4V
85
155
85
m
A
FIN e 64 kHz
IDD2
Halt Current
VDD e 4V
35
125
35
m
A
Input Voltage
Reset CKI
VIH1
Logic High
9 VCC
9VCC
9VCC
V
VIL1
Logic Low
1 VCC
1VCC
1VCC
V
All Other Inputs
VIH2
Logic High
7 VCC
7VCC
7VCC
V
VIL2
Logic Low
2 VCC
2VCC
2VCC
V
Output Voltage
LSTTL Operation
VOH1
Logic High
475V IOH eb100 mA
27
27
27
V
VOL1
Logic Low
475V IOL e 400 mA
04
04
04
V
CMOS Operation
VOH2
Logic High
475V IOH eb10 mAVCC b 02
VCC b 02
VCC b 02
V
VOL2
Logic Low
475V IOL e 10 mA
02
02
02
V
Output Current
IOH
Logic High
3V
V e 0V
b
100
b
100
b
100
m
A
IOL
Logic Low
3V
V e 3V
200
200
200
m
A
Input Leakage
IIN1
High-Z
b
25
25
b
25
25
b
25
25
m
A
IIN2
TRI-STATE or
b
44
b
44
b
44
m
A
Open Drain
RETS COP244CX
DEVICE COP244C-XXX883
FUNCTION 4-BIT CMOS MICROCONTROLLER
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com