Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP226C Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP226C
Description  Single-Chip 1k and 2k CMOS Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP226C Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button COP226C Datasheet HTML 12Page - National Semiconductor (TI) COP226C Datasheet HTML 13Page - National Semiconductor (TI) COP226C Datasheet HTML 14Page - National Semiconductor (TI) COP226C Datasheet HTML 15Page - National Semiconductor (TI) COP226C Datasheet HTML 16Page - National Semiconductor (TI) COP226C Datasheet HTML 17Page - National Semiconductor (TI) COP226C Datasheet HTML 18Page - National Semiconductor (TI) COP226C Datasheet HTML 19Page - National Semiconductor (TI) COP226C Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Power Dissipation (Continued)
If an IT instruction is executed the chip goes into the IDLE
mode until the timer overflows In IDLE mode the current
drain can be calculated from the following equation
IcieIQaVc70cFi
For example at 5 volts VCC and 400 kHz
Icie120a5c70c04e260 mA
The total average current will then be the weighted average
of the operating current and the idle current
Ita e ICO c
To
ToaTi
a
Ici c
Ti
ToaTi
where
Itaetotal average current
ICOeoperating current
Icieidle current
Toeoperating time
Tieidle time
IO OPTIONS
Outputs have the following optional configurations illustrat-
ed in
Figure 8
a Standard
A CMOS push-pull buffer with an N-channel
device to ground in conjunction with a P-channel device
to VCC compatible with CMOS and LSTTL
b Open Drain
An N-channel device to ground only al-
lowing external pull-up as required by the user’s applica-
tion
c Standard TRI-STATE L Output
A CMOS output buffer
similar to a which may be disabled by program control
d Open-Drain TRI-STATE L Output
This has the N-chan-
nel device to ground only
All inputs have the following option
e Hi-Z input which must be driven by the users logic
All output drivers use two common devices numbered 1 to
2 Minimum and maximum current (IOUT and VOUT) curves
are given in
Figure 9 for each of these devices to allow the
designer to effectively use these IO configurations
a Standard Push-Pull Output
b Open-Drain Output
TLDD8422 – 11
c Standard TRI-STATE ‘‘L’’ Output
d Open Drain TRI-STATE
‘‘L’’ Output
e Hi-Z Input
FIGURE 8 InputOutput Configurations
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com