Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP226C Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP226C
Description  Single-Chip 1k and 2k CMOS Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP226C Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button COP226C Datasheet HTML 10Page - National Semiconductor (TI) COP226C Datasheet HTML 11Page - National Semiconductor (TI) COP226C Datasheet HTML 12Page - National Semiconductor (TI) COP226C Datasheet HTML 13Page - National Semiconductor (TI) COP226C Datasheet HTML 14Page - National Semiconductor (TI) COP226C Datasheet HTML 15Page - National Semiconductor (TI) COP226C Datasheet HTML 16Page - National Semiconductor (TI) COP226C Datasheet HTML 17Page - National Semiconductor (TI) COP226C Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Instruction Set (Continued)
TABLE III COP244C245C Instruction Set
(Continued)
Machine
Mnemonic
Operand
Hex
Language
Data Flow
Skip
Description
Code
Code
Conditions
(Binary)
INPUTOUTPUT INSTRUCTIONS
ING
33
0011 0011
G
xA
None
Input G Ports to A
2A
0010 1010
ININ
33
0011 0011
IN
xA
None
Input IN Inputs to A
28
0010 1000
(Note 2)
INIL
33
0011 0011
IL3 CKO‘‘0’’ IL0
xA
None
Input IL Latches to A
29
0010 1001
(Note 3)
INL
33
0011 0011
L74
xRAM(B)
None
Input L Ports to RAMA
2E
0010 1110
L30
xA
OBD
33
0011 0011
Bd
xD
None
Output Bd to D Outputs
3E
0011 1110
OGI
y
33
0011 0011
y
xG
None
Output to G Ports
5b
0101
y
Immediate
OMG
33
0011 0011
RAM(B)
xG
None
Output RAM to G Ports
3A
0011 1010
XAS
4F
0100 1111
A
SIO C
xSKL
None
Exchange A with SIO
(Note 3)
Note 1
All subscripts for alphabetical symbols indicate bit numbers unless explicitly defined (eg Br and Bd are explicitly defined) Bits are numbered 0 to N where
0 signifies the least significant bit (low-order right-most bit) For example A3 indicates the most significant (left-most) bit of the 4-bit A register
Note 2
The ININ instruction is not available on the 24-pin packages since these devices do not contain the IN inputs
Note 3
For additional information on the operation of the XAS JID LQID INIL and SKT instructions see below
Note 4
The JP instruction allows a jump while in subroutine pages 2 or 3 to any ROM location within the two-page boundary of pages 2 or 3 The JP instruction
otherwise permits a jump to a ROM location within the current 64-word page JP may not jump to the last word of a page
Note 5
A JSRP transfers program control to subroutine page 2 (0010 is loaded into the upper 4 bits of P) A JSRP may not be used when in pages 2 or 3 JSRP
may not jump to the last word in page 2
Note 6
LBI is a single-byte instruction if d e 0 9 10 11 12 13 14 or 15 The machine code for the lower 4 bits equals the binary value of the ‘‘d’’ data
minus 1
eg to load the lower four bits of B(Bd) with the value 9 (10012) the lower 4 bits of the LBI instruction equal 8 (10002) To load 0 the lower 4 bits of the LBI
instruction should equal 15 (11112)
Note 7
Machine code for operand field y for LEI instruction should equal the binary value to be latched into EN where a ‘‘1’’ or ‘‘0’’ in each bit of EN corresponds
with the selection or deselection of a particular function associated with each bit (See Functional Description EN Register)
Note 8
For 2K ROM devices A
Br (0
xA3) For 1K ROM devices A
Br (00
xA3 A2)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com