Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTT1132E Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HTT1132E
Description  Silicon NPN Epitaxial Twin Transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HTT1132E Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HTT1132E Datasheet HTML 4Page - Renesas Technology Corp HTT1132E Datasheet HTML 5Page - Renesas Technology Corp HTT1132E Datasheet HTML 6Page - Renesas Technology Corp HTT1132E Datasheet HTML 7Page - Renesas Technology Corp HTT1132E Datasheet HTML 8Page - Renesas Technology Corp HTT1132E Datasheet HTML 9Page - Renesas Technology Corp HTT1132E Datasheet HTML 10Page - Renesas Technology Corp HTT1132E Datasheet HTML 11Page - Renesas Technology Corp HTT1132E Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
HTT1132E
Rev.1.00, Apr.14.2003, page 8 of 21
Q1 S Parameter
(VCE = 1 V, IC = 3 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.916
-12.4
9.04
170.0
0.0329
89.7
0.979
-6.6
200
0.884
-23.8
8.71
160.2
0.0379
77.6
0.953
-13.6
300
0.845
-35.4
8.31
151.3
0.0503
66.2
0.906
-19.7
400
0.800
-46.1
7.92
143.6
0.0588
63.6
0.860
-25.4
500
0.749
-56.8
7.48
136.3
0.0698
61.7
0.809
-29.9
600
0.704
-66.7
7.06
129.8
0.0801
56.1
0.760
-33.7
700
0.658
-76.1
6.61
123.8
0.0892
52.6
0.712
-37.1
800
0.622
-85.0
6.21
118.4
0.0934
51.2
0.670
-39.8
900
0.580
-93.6
5.83
113.4
0.0987
48.4
0.634
-41.8
1000
0.553
-100.9
5.47
109.0
0.1025
47.2
0.598
-43.8
1100
0.523
-108.4
5.13
104.9
0.1076
45.3
0.570
-45.5
1200
0.500
-115.4
4.83
101.1
0.1079
44.9
0.543
-47.0
1300
0.479
-122.4
4.55
97.6
0.1139
43.1
0.520
-48.3
1400
0.464
-128.5
4.30
94.3
0.1156
43.9
0.497
-49.6
1500
0.450
-134.8
4.07
91.2
0.1168
43.1
0.479
-50.6
1600
0.437
-140.5
3.87
88.4
0.1203
42.9
0.462
-51.9
1700
0.429
-146.3
3.68
85.7
0.1232
43.0
0.450
-53.0
1800
0.422
-151.3
3.50
83.1
0.1244
42.5
0.436
-54.0
1900
0.414
-156.7
3.34
80.5
0.1255
43.1
0.422
-54.9
2000
0.411
-161.8
3.20
78.1
0.1299
43.3
0.412
-55.9
2100
0.407
-166.6
3.06
75.7
0.1326
43.1
0.403
-57.1
2200
0.405
-171.0
2.94
73.5
0.1357
43.1
0.395
-58.2
2300
0.405
-175.5
2.83
71.3
0.1373
43.1
0.386
-59.4
2400
0.406
179.9
2.72
69.2
0.1406
43.6
0.380
-60.6
2500
0.408
176.1
2.63
67.2
0.1440
43.5
0.372
-61.7
2600
0.409
172.1
2.54
65.2
0.1468
44.2
0.367
-62.6
2700
0.411
168.5
2.45
63.2
0.1492
44.0
0.359
-64.3
2800
0.415
164.9
2.37
61.3
0.1519
45.0
0.359
-65.4
2900
0.419
161.2
2.30
59.4
0.1550
44.5
0.352
-66.8
3000
0.422
158.0
2.23
57.5
0.1581
44.8
0.351
-68.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com