Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTT1132E Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # HTT1132E
Description  Silicon NPN Epitaxial Twin Transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HTT1132E Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button HTT1132E Datasheet HTML 13Page - Renesas Technology Corp HTT1132E Datasheet HTML 14Page - Renesas Technology Corp HTT1132E Datasheet HTML 15Page - Renesas Technology Corp HTT1132E Datasheet HTML 16Page - Renesas Technology Corp HTT1132E Datasheet HTML 17Page - Renesas Technology Corp HTT1132E Datasheet HTML 18Page - Renesas Technology Corp HTT1132E Datasheet HTML 19Page - Renesas Technology Corp HTT1132E Datasheet HTML 20Page - Renesas Technology Corp HTT1132E Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
HTT1132E
Rev.1.00, Apr.14.2003, page 19 of 21
Q2 S Parameter
(VCE = 3 V, IC = 10 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.694
-54.3
23.74
147.6
0.0310
65.3
0.814
-25.6
200
0.640
-94.8
18.11
127.1
0.0349
65.9
0.641
-37.9
300
0.600
-118.1
13.86
114.7
0.0386
52.7
0.503
-43.2
400
0.583
-133.3
11.04
106.8
0.0416
55.9
0.421
-44.8
500
0.582
-143.4
9.09
101.2
0.0514
51.1
0.366
-44.7
600
0.575
-151.1
7.72
96.9
0.0511
54.3
0.331
-43.9
700
0.574
-156.9
6.68
93.4
0.0562
53.6
0.307
-43.5
800
0.574
-161.1
5.90
90.4
0.0599
55.9
0.289
-43.7
900
0.575
-165.1
5.28
87.7
0.0643
57.3
0.273
-42.9
1000
0.575
-168.2
4.78
85.3
0.0691
59.0
0.260
-43.2
1100
0.574
-171.2
4.36
83.0
0.0737
60.7
0.250
-42.8
1200
0.577
-173.5
4.01
80.9
0.0781
63.1
0.241
-43.4
1300
0.579
-175.9
3.72
78.9
0.0820
63.6
0.236
-43.6
1400
0.580
-177.9
3.47
77.0
0.0870
65.0
0.229
-44.3
1500
0.580
-179.6
3.24
75.2
0.0939
65.3
0.223
-45.3
1600
0.582
178.6
3.05
73.5
0.0979
67.5
0.217
-46.6
1700
0.585
176.8
2.88
71.8
0.1025
67.3
0.211
-48.0
1800
0.585
175.3
2.73
70.2
0.1093
68.9
0.208
-49.1
1900
0.590
173.8
2.60
68.6
0.1142
69.5
0.202
-50.8
2000
0.591
172.4
2.48
67.0
0.1207
70.5
0.198
-52.3
2100
0.592
171.0
2.37
65.3
0.1270
70.5
0.195
-54.2
2200
0.596
169.9
2.27
63.9
0.1325
70.7
0.189
-56.4
2300
0.599
168.7
2.18
62.4
0.1399
71.8
0.185
-59.2
2400
0.601
167.6
2.10
61.0
0.1464
71.9
0.181
-61.7
2500
0.605
166.3
2.02
59.4
0.1509
71.8
0.177
-65.0
2600
0.610
165.6
1.95
58.1
0.1575
72.5
0.172
-66.7
2700
0.611
164.5
1.89
56.8
0.1634
72.2
0.170
-69.7
2800
0.612
163.5
1.83
55.4
0.1714
72.4
0.168
-72.8
2900
0.616
162.4
1.77
54.0
0.1788
72.3
0.164
-76.2
3000
0.619
161.5
1.73
52.7
0.1883
72.4
0.161
-78.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com