Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTT1132E Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HTT1132E
Description  Silicon NPN Epitaxial Twin Transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HTT1132E Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HTT1132E Datasheet HTML 9Page - Renesas Technology Corp HTT1132E Datasheet HTML 10Page - Renesas Technology Corp HTT1132E Datasheet HTML 11Page - Renesas Technology Corp HTT1132E Datasheet HTML 12Page - Renesas Technology Corp HTT1132E Datasheet HTML 13Page - Renesas Technology Corp HTT1132E Datasheet HTML 14Page - Renesas Technology Corp HTT1132E Datasheet HTML 15Page - Renesas Technology Corp HTT1132E Datasheet HTML 16Page - Renesas Technology Corp HTT1132E Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
HTT1132E
Rev.1.00, Apr.14.2003, page 13 of 21
Q1 S Parameter
(VCE = 3 V, IC = 10 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.735
-27.1
23.94
159.9
0.0152
110.6
0.937
-14.4
200
0.659
-49.0
21.05
143.8
0.0244
74.4
0.823
-25.6
300
0.573
-68.7
18.08
131.2
0.0346
66.6
0.718
-32.5
400
0.503
-85.0
15.52
121.8
0.0384
62.2
0.625
-36.9
500
0.445
-99.3
13.35
114.4
0.0446
59.3
0.557
-39.3
600
0.410
-110.8
11.66
108.6
0.0502
56.3
0.504
-40.9
700
0.383
-121.0
10.27
104.0
0.0534
59.8
0.462
-41.8
800
0.362
-129.9
9.18
100.1
0.0603
59.8
0.431
-42.4
900
0.348
-137.9
8.29
96.6
0.0606
59.3
0.408
-42.8
1000
0.342
-144.9
7.54
93.5
0.0679
58.9
0.389
-42.9
1100
0.332
-151.4
6.91
90.7
0.0742
60.0
0.372
-43.0
1200
0.326
-157.6
6.38
88.1
0.0757
60.5
0.358
-43.6
1300
0.326
-162.9
5.92
85.7
0.0812
62.0
0.346
-44.0
1400
0.323
-168.3
5.52
83.6
0.0873
61.7
0.336
-44.4
1500
0.324
-172.9
5.17
81.4
0.0921
61.3
0.326
-44.9
1600
0.324
-177.3
4.87
79.4
0.0961
61.9
0.320
-45.8
1700
0.326
178.1
4.60
77.4
0.1001
62.1
0.314
-46.3
1800
0.326
174.6
4.35
75.6
0.1047
62.3
0.308
-47.4
1900
0.331
170.6
4.14
73.7
0.1093
62.3
0.301
-48.3
2000
0.333
167.1
3.94
71.9
0.1158
62.4
0.297
-49.1
2100
0.337
163.6
3.76
70.2
0.1193
62.7
0.293
-50.4
2200
0.340
160.4
3.59
68.5
0.1244
62.0
0.289
-51.5
2300
0.345
157.2
3.44
66.8
0.1278
61.3
0.284
-52.7
2400
0.351
154.4
3.30
65.2
0.1361
62.0
0.283
-54.3
2500
0.357
151.6
3.18
63.6
0.1411
61.2
0.277
-55.8
2600
0.359
149.0
3.06
62.0
0.1442
61.1
0.276
-57.0
2700
0.366
146.6
2.95
60.5
0.1493
60.7
0.274
-58.7
2800
0.371
144.2
2.85
59.0
0.1540
61.1
0.272
-60.0
2900
0.375
141.4
2.76
57.4
0.1577
60.5
0.267
-61.8
3000
0.382
138.9
2.67
55.9
0.1656
59.3
0.269
-63.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com