Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTT1132E Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HTT1132E
Description  Silicon NPN Epitaxial Twin Transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HTT1132E Datasheet(HTML) 3 Page - Renesas Technology Corp

  HTT1132E Datasheet HTML 1Page - Renesas Technology Corp HTT1132E Datasheet HTML 2Page - Renesas Technology Corp HTT1132E Datasheet HTML 3Page - Renesas Technology Corp HTT1132E Datasheet HTML 4Page - Renesas Technology Corp HTT1132E Datasheet HTML 5Page - Renesas Technology Corp HTT1132E Datasheet HTML 6Page - Renesas Technology Corp HTT1132E Datasheet HTML 7Page - Renesas Technology Corp HTT1132E Datasheet HTML 8Page - Renesas Technology Corp HTT1132E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
HTT1132E
Rev.1.00, Apr.14.2003, page 3 of 21
Q1 Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Collector to base breakdown
voltage
V(BR)CBO
16

VIC = 10
µA, IE = 0
Collector cutoff current
ICBO

0.1
µAVCB = 15 V, IE = 0
Collector cutoff current
ICEO

0.1
µAVCE = 6V, RBE = infinite
Emitter cutoff current
IEBO

0.1
µAVEB = 0.8 V, IC = 0
DC current transfer ratio
hFE
90
120
140
VCE = 1 V, IC = 5 mA
Reverse transfer capacitance Cre
0.25
0.35
pF
VCB = 1 V, f = 1 MHz
Emitter ground
Collector output capacitance
Cob
0.38
pF
VCB = 1 V, f = 1 MHz
Gain bandwidth product
fT
810
GHz
VCE = 1 V, IC = 5 mA,
f = 1 GHz
Gain bandwidth product
fT
12
GHz
VCE = 3V, IC = 15mA,
f = 1 GHz
Forward transfer coefficient
|S21|
2
13
16
dB
Noise figure
NF
1.0
1.6
dB
VCE = 1 V, IC = 5 mA,
f = 900 MHz,
ΓS = ΓL = 50 Ω
Q2 Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Collector to base breakdown
voltage
V(BR)CBO
15

VIC = 10
µA, IE = 0
Collector cutoff current
ICBO

0.1
µAVCB = 15 V, IE = 0
Collector cutoff current
ICEO

0.1
µAVCE = 6V, RBE = infinite
Emitter cutoff current
IEBO

0.1
µAVEB = 1.5V, IC = 0
DC current transfer ratio
hFE
90
120
140
VCE = 1 V, IC = 5 mA
Reverse transfer capacitance Cre
0.50
0.65
pF
VCB = 1 V, f = 1 MHz
Emitter ground
Collector output capacitance
Cob
0.68
pF
VCB = 1 V, f = 1 MHz
Gain bandwidth product
fT
24
GHz
VCE = 1 V, IC = 5 mA,
f = 1 GHz
Gain bandwidth product
fT
11
GHz
VCE =3V, IC = 50mA,
f = 1 GHz
Forward transfer coefficient
|S21|
2
711
dB
Noise figure
NF
1.7
2.3
dB
VCE = 1 V, IC = 5 mA,
f = 900 MHz
ΓS = ΓL = 50 Ω
Noise figure
NF
1.1
dB
VCE = 1 V, IC = 5 mA,
f = 900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com