Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTT1132E Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HTT1132E
Description  Silicon NPN Epitaxial Twin Transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HTT1132E Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HTT1132E Datasheet HTML 8Page - Renesas Technology Corp HTT1132E Datasheet HTML 9Page - Renesas Technology Corp HTT1132E Datasheet HTML 10Page - Renesas Technology Corp HTT1132E Datasheet HTML 11Page - Renesas Technology Corp HTT1132E Datasheet HTML 12Page - Renesas Technology Corp HTT1132E Datasheet HTML 13Page - Renesas Technology Corp HTT1132E Datasheet HTML 14Page - Renesas Technology Corp HTT1132E Datasheet HTML 15Page - Renesas Technology Corp HTT1132E Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
HTT1132E
Rev.1.00, Apr.14.2003, page 12 of 21
Q1 S Parameter
(VCE = 3 V, IC = 5 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.862
-16.2
14.11
166.8
0.0156
122.2
0.959
-9.0
200
0.814
-31.2
13.26
154.8
0.0316
77.4
0.917
-17.4
300
0.753
-45.1
12.28
144.4
0.0420
64.4
0.854
-24.3
400
0.692
-58.6
11.32
135.6
0.0522
69.2
0.780
-30.0
500
0.632
-71.2
10.35
127.7
0.0603
56.4
0.714
-34.2
600
0.577
-82.1
9.47
121.0
0.0647
57.1
0.656
-37.4
700
0.531
-92.1
8.61
115.3
0.0691
51.0
0.610
-39.8
800
0.493
-101.3
7.89
110.3
0.0738
52.4
0.567
-41.8
900
0.462
-109.5
7.26
105.9
0.0780
50.3
0.534
-43.1
1000
0.436
-117.6
6.69
102.0
0.0815
51.2
0.506
-43.9
1100
0.416
-124.6
6.20
98.5
0.0854
50.5
0.479
-44.9
1200
0.399
-131.6
5.77
95.2
0.0897
50.7
0.456
-45.8
1300
0.387
-138.1
5.40
92.3
0.0913
51.3
0.439
-46.4
1400
0.377
-144.3
5.06
89.5
0.0946
51.8
0.422
-47.2
1500
0.368
-150.0
4.76
86.9
0.0985
52.8
0.409
-47.9
1600
0.364
-155.7
4.49
84.5
0.1032
52.8
0.397
-48.9
1700
0.359
-161.2
4.26
82.1
0.1062
51.9
0.386
-49.6
1800
0.356
-165.9
4.04
79.9
0.1099
52.9
0.377
-50.5
1900
0.354
-170.9
3.85
77.7
0.1138
53.6
0.367
-51.4
2000
0.355
-175.2
3.67
75.6
0.1171
52.5
0.361
-52.2
2100
0.354
-179.5
3.51
73.6
0.1209
53.2
0.354
-53.3
2200
0.354
176.4
3.36
71.6
0.1241
53.5
0.347
-54.4
2300
0.359
172.2
3.22
69.7
0.1290
53.4
0.340
-55.5
2400
0.362
168.5
3.09
67.8
0.1329
53.3
0.338
-56.7
2500
0.365
165.1
2.98
66.0
0.1356
54.2
0.332
-58.0
2600
0.368
162.0
2.87
64.2
0.1392
53.6
0.327
-58.6
2700
0.372
158.4
2.77
62.5
0.1457
53.3
0.322
-60.2
2800
0.377
155.3
2.68
60.8
0.1483
54.0
0.322
-61.5
2900
0.382
152.3
2.59
59.2
0.1558
53.4
0.315
-62.9
3000
0.387
149.2
2.51
57.3
0.1592
53.9
0.315
-64.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com