Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1712 Datasheet(PDF) 7 Page - Galaxy Power, Inc.

Part # ICS1712
Description  Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1712 Datasheet(HTML) 7 Page - Galaxy Power, Inc.

Back Button ICS1712 Datasheet HTML 3Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 4Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 5Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 6Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 7Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 8Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 9Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 10Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 11Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
ICS1712
Figure 8: Cell temperature and
thermistor voltage slope
Table 1 shows the decrease in thermistor voltage the last minute
before full charge required by the ICS1712 at various charge rates.
The thermistor voltage slope should exceed the listed value to
ensure charge termination. Note that changes in thermistor
location, cell size or large ambient temperature fluctuations can
affect the slope to some degree. Refer to the Applications
Information section and Temperature Slope and Maximum
Temperature section for more information on thermistor mounting.
Table 1: Slope vs. Charge Rate
Charge Rate
Thermistor Voltage Slope
(-V/min.)
>C/2
0.040
C/2
0.028
Temperature Slope Termination
Temperature slope termination is based on the battery producing an
accelerated rate of heating as the amount of readily chargeable
material diminishes at full charge. An increase in battery (cell)
heating due to the charging reaction will occur at a much faster rate
than a change due to a warming ambient temperature. Note the
effect of 0.5
°C fluctuations in ambient temperatures resulting in
slight variations in the temperature slope as shown in Figure 7.
However, the increase in cell temperature near the end of charge
causes a much larger change in the temperature slope that can be
easily detected and used as a trigger for fast charge termination.
Figure 7: Cell temperature and
temperature slope
The rate of change in cell temperature can be determined by
measuring the change in voltage across a negative temperature
coefficient thermistor as shown in Figure 8. The resistance of an
NTC thermistor changes in proportion in the change in temperature
of the thermistor. The ICS1712 measures the decreasing resistance
as a drop in voltage and calculates the thermistor voltage slope,
shown in Figure 8. The controller terminates fast charge based on
the selected charge rate and the calculated slope.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com