Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1712 Datasheet(PDF) 16 Page - Galaxy Power, Inc.

Part # ICS1712
Description  Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1712 Datasheet(HTML) 16 Page - Galaxy Power, Inc.

Back Button ICS1712 Datasheet HTML 12Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 13Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 14Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 15Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 16Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 17Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 18Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 19Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 20Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
ICS1712
Data Tables
Table 7: Absolute Maximum Ratings
Supply Voltage
6.5
V
Logic Input Levels
-0.5 to VDD + 0.5
V
Ambient Operating Temperature
0 to 70
°C
Storage Temperature
-55 to 150
°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only.
Functional operation of the device at the Absolute Maximum Ratings or other conditions not consistent with the characteristics shown in this
document is not recommended. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
Table 8: DC Characteristics
Parameter
Symbol
Test Conditions
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
4.5
5.0
5.5
V
Supply Current
IDD
7.3
mA
High Level Input Voltage
SEL0, SEL1
VIH
3.6
4.1
4.5
V
Low Level Input Voltage
SEL0, SEL1
VIL
0.73
0.75
0.8
V
Low Level Input Current, pull-up
THERM, MRN
IIL
V=0.4V
74
µA
High Level Input Current, pull-down
DTSEL
IIH
V= VDD - 0.4V
75
µA
High Level Source Current
CHG, DCHG
IOH
V= VDD - 0.4V
28
mA
Low Level Sink Current
CHG, DCHG
IOL
V=0.4V
25
mA
Low Level Sink Current, indicator
PFN, CMN
IOL
V=0.4V
40
mA
Low Level Sink Current, indicator
OTN
IOL
V=0.4V
28
mA
Input Impedance
1.0
M
Ω
Analog/Digital Converter Range
0-2.2
0-2.7
0-2.7
V
Table 9: DC Voltage Thresholds
TAMB=25
°C
PARAMETER
TYP
UNITS
Minimum Battery Voltage
0.5
V
Maximum Battery Voltage
2.0
V
Thermistor - Cold Temperature
2.4
V
Thermistor - Hot Temperature
0.93
V
Thermal Switch - Open
4.2
V
Thermal Switch - Closed
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com