Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1712 Datasheet(PDF) 1 Page - Galaxy Power, Inc.

Part # ICS1712
Description  Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1712 Datasheet(HTML) 1 Page - Galaxy Power, Inc.

  ICS1712 Datasheet HTML 1Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 2Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 3Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 4Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 5Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 6Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 7Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 8Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 9Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
ICS1712
QuickSaver® Charge Controller for Nickel-Cadmium
and Nickel-Metal Hydride Batteries
General Description
The ICS1712 is a CMOS device designed for the intelligent charge
control of either nickel-cadmium (NiCd) or nickel-metal-hydride
(NiMH) batteries. The controller uses a pulsed-current charging
technique together with voltage slope and/or temperature slope
termination. The ICS1712 employs a four stage charge sequence
that provides a complete recharge without overcharging. The
controller has four user-selectable charge rates available for
customized charging systems.
The ICS1712 monitors for the presence of a battery and begins
charging if a battery is installed within the first 10 seconds after a
reset. Voltage and temperature are measured to ensure a battery is
within fast charge conditions before charge is initiated.
Applications
Battery charging systems for:
-
Portable consumer electronics
-
Power tools
-
Audio/video equipment
-
Communications equipment
-
Wireless handsets
Features
•
Multiple charge termination methods include:
-
Voltage slope
-
Temperature slope
-
Maximum temperature
-
Charge timer
•
Four stage charge sequence:
-
Soft start charge
-
Fast charge
-
Topping charge
-
Maintenance charge
•
Reverse-pulse charging available in all charge stages
•
Four programmable charge rates between 15 minutes (4C) and
two hours (C/2)
•
Out-of-temperature range detection
-
Hot battery: charger shutdown
-
Cold battery: low current charge
•
Ten second polling mode for battery detection
•
Battery fault with shutdown protection
Block Diagram
CHARGE
DISCHARGE
TEMPERATURE
SENSE
SELECT
CHARGE
VOLTAGE
SENSE
PROCESSOR
MICROCODE CONTROL
ADC
RAM
ROM
OUTPUT
CONTROL
0.5V
HOT
COLD
RESET
TERMINATION
SELECT
TEMPERATURE
STATUS LED
CHARGE
MODE LED
POLLING/
FAULT LED
CONTROL
CONTROL
RC
OSCILLATOR
2.0V
QuickSaver
®
® is a registered trademark of Galaxy Power, Inc.


Similar Part No. - ICS1712

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS1700A ETC-ICS1700A Datasheet
204Kb / 24P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1700AM ETC-ICS1700AM Datasheet
204Kb / 24P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1700AMT ETC-ICS1700AMT Datasheet
204Kb / 24P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1700AN ETC-ICS1700AN Datasheet
204Kb / 24P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1700AS ETC-ICS1700AS Datasheet
204Kb / 24P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
More results

Similar Description - ICS1712

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS1702 ETC-ICS1702 Datasheet
466Kb / 28P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1700A ETC-ICS1700A Datasheet
204Kb / 24P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Sanyo Semicon Device
LA5614M SANYO-LA5614M Datasheet
75Kb / 5P
Charging IC for Nickel - Cadmium and Nickel Metal Hydride Batteries
logo
List of Unclassifed Man...
ICS1708 ETC-ICS1708 Datasheet
936Kb / 16P
QuickSaver Charge Control IC for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Galaxy Power, Inc.
ICS1722 GALAXY-ICS1722 Datasheet
207Kb / 24P
QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Panasonic Battery Group
HHR60AAAH PANASONICBATTERY-HHR60AAAH Datasheet
28Kb / 1P
NICKEL METAL HYDRIDE BATTERIES
HHR120AA PANASONICBATTERY-HHR120AA Datasheet
24Kb / 1P
NICKEL METAL HYDRIDE BATTERIES
HHR210AH PANASONICBATTERY-HHR210AH Datasheet
25Kb / 1P
NICKEL METAL HYDRIDE BATTERIES:
HHR300SCP PANASONICBATTERY-HHR300SCP Datasheet
25Kb / 1P
NICKEL METAL HYDRIDE BATTERIES:
HHR380A PANASONICBATTERY-HHR380A Datasheet
25Kb / 1P
NICKEL METAL HYDRIDE BATTERIES:
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com