Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1712 Datasheet(PDF) 8 Page - Galaxy Power, Inc.

Part # ICS1712
Description  Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1712 Datasheet(HTML) 8 Page - Galaxy Power, Inc.

Back Button ICS1712 Datasheet HTML 4Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 5Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 6Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 7Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 8Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 9Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 10Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 11Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 12Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
ICS1712
If a thermal switch is used, a 45
°C open circuit switch is
recommended. When the thermal switch opens, an internal pull-up
at the THERM pin results in a logic high which shuts down the
controller and activates the OTN indicator. The controller must be
reset once the hot battery fault condition has cleared to restart the
charge sequence.
Maximum temperature termination can be disabled by grounding
the THERM pin. See the section on Temperature Sensing for more
information.
Fast Charge Timer Termination
The controller uses a timer to limit the fast charge duration. These
times are pre-programmed, and are automatically adjusted in time
duration according to the charge rate selected. Fast charge timer
termination is best suited as a safety backup feature to limit the
duration of the fast charge stage. The fast charge timer is always
enabled and cannot be disabled. See Table 3 in the section Charge
Rate Selection for more information.
To determine the required thermistor characteristics for proper
temperature slope termination, the battery temperature rise must be
known or determined for the last minute prior to full charge.
Maximum
temperature
termination
is
also
enabled
when
temperature slope termination is used. Care must be taken to keep
voltage levels at the THERM pin within the fast charge range
(between 2.4V and 0.93V), as shown in Figure 9.
Maximum Temperature Termination
Maximum temperature can be sensed using either a NTC
thermistor or a thermal switch. Maximum temperature termination
can also be bypassed if desired, although it is strongly
recommended that some form of temperature termination be used.
If an NTC thermistor is used, an internal voltage threshold
determines when the battery is too hot to charge. As temperature
increases, the voltage across the thermistor will drop. This voltage
is continually compared to the internal voltage threshold. If the
thermistor voltage drops below the internal threshold, the OTN
indicator is activated and the controller shuts down. The controller
must be reset once the hot battery fault condition has cleared to
restart the charge sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com