Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1712 Datasheet(PDF) 17 Page - Galaxy Power, Inc.

Part # ICS1712
Description  Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1712 Datasheet(HTML) 17 Page - Galaxy Power, Inc.

Back Button ICS1712 Datasheet HTML 13Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 14Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 15Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 16Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 17Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 18Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 19Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 20Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 21Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
ICS1712
Timing Diagrams
Figure A:
Figure B:
Table 10: Timing Characteristics
R
≈16kΩ, C≈100pF
PARAMETER
SYMBOL
REFERENCE
TYP
UNITS
Clock Frequency
1.0
MHz
Reset Pulse Duration
tRESET
see Figure B
700
ms
Charge Pulse Width
tCHG
see Figure A
1048
ms
Discharge Pulse Width
tDCHG
see Figure A
5.0
ms
Rest Time
tR
see Figure A
4.0
ms
Data Acquisition Time
tDA
see Figure A
16.4
ms
Cycle Time
tCYCLE
see Figure A
1077
ms
Capacitor Discharge Pulse Width
5.0
ms
Capacitor Discharge Pulse Period
100
ms
Polling Detect Pulse Width
100
ms
Polling Detect Pulse Period
624
ms
Soft Start Initial Pulse Width
200
ms
Soft Start Incremental Pulse Width
7.0
ms
RESET to SEL Dynamic Reprogram Period
tRSA
see Figure B
1160
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com