Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S93 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP6S93
Description  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S93 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP6S93 Datasheet HTML 21Page - Microchip Technology MCP6S93 Datasheet HTML 22Page - Microchip Technology MCP6S93 Datasheet HTML 23Page - Microchip Technology MCP6S93 Datasheet HTML 24Page - Microchip Technology MCP6S93 Datasheet HTML 25Page - Microchip Technology MCP6S93 Datasheet HTML 26Page - Microchip Technology MCP6S93 Datasheet HTML 27Page - Microchip Technology MCP6S93 Datasheet HTML 28Page - Microchip Technology MCP6S93 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 25
MCP6S91/2/3
5.2.5
SHUTDOWN COMMAND
The software shutdown command allows the user to
put the amplifier into a low-power mode (see
Register 5-1). In this Shutdown mode, most pins are
high-impedance (Section 4.5 “Shutdown Mode” and
Section 5.1 “SPI Timing” cover the exceptions at pins
VREF, VOUT and SO).
Once the PGA has entered Shutdown mode, it will
remain in this mode until either a valid command is sent
to the device (other than NOP or Shutdown) or the
device is powered down and back up again. The
internal registers maintain their values while in
shutdown.
Once brought out of Shutdown mode, the part returns
to its previous state (see Section 5.2.1 “Ensuring
Valid Data in the Registers” for exceptions to this
rule). This makes it possible to bring the device out of
shutdown mode using one command; send a com-
mand to select the current channel (or gain) and the
device will exit shutdown with the same state that
existed before shutdown.
5.3
Daisy-Chain Configuration
Multiple MCP6S91/2/3 devices can be connected in a
daisy-chain configuration by connecting the SO pin
from one device to the SI pin on the next device and
using common SCK and CS lines (Figure 5-3). This
approach reduces PCB layout complexity and uses
fewer PICmicro® microcontroller I/O pins.
The example in Figure 5-3 shows a daisy-chain
configuration with two devices, although any number of
devices can be configured this way. The MCP6S91 and
MCP6S92 can only be used at the far end of the daisy-
chain, because they do not have a serial data out (SO)
pin. As shown in Figure 5-4 and Figure 5-5, both SI and
SO data are sent in 16-bit (2 byte) words. These
devices abort any command that is not a multiple of 16
bits.
When using the daisy-chain configuration, the maxi-
mum clock speed possible is reduced to
≈ 5.8 MHz due
to the SO pin’s propagation delay (see Electrical
Specifications).
The internal SPI shift register is automatically loaded
with zeros whenever CS goes high (a command is
executed). Thus, the first 16-bits out of the SO pin after
the CS line goes low are always zeros. This means that
the first command loaded into the next device in the
daisy-chain is a NOP. This feature makes it possible to
send shorter command and data byte strings when the
farthest devices do not need to change. For example, if
there were three devices on the chain, and only the
middle device needed changing, then only 32 bytes of
data need to be transmitted (for the first and middle
devices). The last device on the chain would receive a
NOP
when the CS pin is raised to execute the
command.
FIGURE 5-3:
Daisy-Chain Configuration.
PICmicro®
SO
CS
SCK
SI
CS
SCK
SO
Device 1
Device 1
00100000 00000000
SO
CS
SCK
SI
Device 2
Device 2
00000000 00000000
Device 1
01000001 00000111
Device 2
00100000 00000000
4. Clock out the instruction and data
for Device 1 (16 clocks) to Device 1.
5. Device 1 automatically shifts data
from Device 1 to Device 2 (16 clocks).
6. Raise CS.
1. Set CS low.
2. Clock out the instruction and data
for device 2 (16 clocks) to Device 1.
3. Device 1 automatically clocks out all
zeros (first 16 clocks) to Device 2.
Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com