Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S93 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP6S93
Description  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S93 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP6S93 Datasheet HTML 26Page - Microchip Technology MCP6S93 Datasheet HTML 27Page - Microchip Technology MCP6S93 Datasheet HTML 28Page - Microchip Technology MCP6S93 Datasheet HTML 29Page - Microchip Technology MCP6S93 Datasheet HTML 30Page - Microchip Technology MCP6S93 Datasheet HTML 31Page - Microchip Technology MCP6S93 Datasheet HTML 32Page - Microchip Technology MCP6S93 Datasheet HTML 33Page - Microchip Technology MCP6S93 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 30
MCP6S91/2/3
6.4.5
EXPANDED INPUT PGA
Figure 6-10
shows
cascaded
MCP6S28
and
MCP6S92s PGAs that provide up to 9 input channels.
Obviously, Sensors #1-8 have a high total gain range
available, as explained in Section 6.4.3 “Extended
Gain Range PGA”. These devices can be daisy-
chained (Section 5.3 “Daisy-Chain Configuration”).
FIGURE 6-10:
PGA with Expanded Inputs.
6.4.6
PICmicro® MCU WITH EXPANDED
INPUT CAPABILITY
Figure 6-11 shows a MCP6S93 driving an analog input
to a PICmicro microcontroller. This greatly expands the
input capacity of the microcontroller, while adding the
ability to select the appropriate gain for each source.
FIGURE 6-11:
Expanded Input for a
PICmicro® Microcontroller.
6.4.7
ADC DRIVER
This family of PGAs is well suited for driving Analog-to-
Digital Converters (ADCs). The binary gains (1, 2, 4, 8,
16 and 32) effectively add five more bits to the input
range (see Figure 6-12). This works well for applica-
tions needing relative accuracy more than absolute
accuracy (e.g., power monitoring).
FIGURE 6-12:
PGA as an ADC driver.
At low gains, the ADC’s Signal-to-Noise Ratio (SNR)
will dominate since the PGA’s input noise voltage
density is so low (10 nV/
√Hz @ 10 kHz, typ.). At high
gains, the PGA’s noise will dominate the SNR, but it is
low enough to support most applications. These PGAs
add the flexibility of selecting the best gain for an
application.
The low-pass filter in the block diagram reduces the
integrated noise at the MCP6S92’s output and serves
as an anti-aliasing filter. This filter may be designed
using Microchip’s FilterLab® software, available at
www.microchip.com.
Sensor
VOUT
MCP6S92
# 0
Sensors
MCP6S28
# 1-8
VIN
SPI™
MCP6S93
PICmicro®
Microcontroller
OUT
MCP3201
12-bit
ADC
3
MCP6S92
VIN
Low-pass
Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com