Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S93 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6S93
Description  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S93 Datasheet(HTML) 4 Page - Microchip Technology

  MCP6S93 Datasheet HTML 1Page - Microchip Technology MCP6S93 Datasheet HTML 2Page - Microchip Technology MCP6S93 Datasheet HTML 3Page - Microchip Technology MCP6S93 Datasheet HTML 4Page - Microchip Technology MCP6S93 Datasheet HTML 5Page - Microchip Technology MCP6S93 Datasheet HTML 6Page - Microchip Technology MCP6S93 Datasheet HTML 7Page - Microchip Technology MCP6S93 Datasheet HTML 8Page - Microchip Technology MCP6S93 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 4
MCP6S91/2/3
AC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to +5.5V, VSS = GND, VREF = VSS, G = +1 V/V,
Input = CH0 = (0.3V)/G, CH1 = 0.3V, RL =10 kΩ to VDD/2, CL = 60 pF, SI and SCK are tied low and CS is tied high.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Frequency Response
-3 dB Bandwidth
BW
—
1 to 18
—
MHz
All gains; VOUT < 100 mVP-P (Note 1)
Gain Peaking
GPK
—
0
—
dB
All gains; VOUT < 100 mVP-P
Total Harmonic Distortion plus Noise
f = 20 kHz, G = +1 V/V
THD+N
—
0.0011
—
%
VOUT = 1.5V ± 1.0 VPK, VDD = 5.0V,
BW = 80 kHz, RL = 10 kΩ to 1.5V
f = 20 kHz, G = +1 V/V
THD+N
—
0.0089
—
%
VOUT = 2.5V ± 1.0 VPK, VDD = 5.0V,
BW = 80 kHz
f = 20 kHz, G = +4 V/V
THD+N
—
0.0045
—
%
VOUT = 2.5V ± 1.0 VPK, VDD = 5.0V,
BW = 80 kHz
f = 20 kHz, G = +16 V/V
THD+N
—
0.028
—
%
VOUT = 2.5V ± 1.0 VPK, VDD = 5.0V,
BW = 80 kHz
Step Response
Slew Rate
SR
—
4.0
—
V/µs
G = 1, 2
—
11
—
V/µs
G = 4, 5, 8, 10
—
22
—
V/µs
G = 16, 32
Noise
Input Noise Voltage
Eni
—4.5
—
µVP-P
f = 0.1 Hz to 10 Hz (Note 2)
—
30
—
f = 0.1 Hz to 200 kHz (Note 2)
Input Noise Voltage Density
eni
—10
—
nV/
√Hz f = 10 kHz (Note 2)
Input Noise Current Density
ini
—4
—
fA/
√Hz f = 10 kHz
Note
1:
See Table 4-1 for a list of typical numbers and Figure 2-25 for the frequency response versus gain.
2:
Eni and eni include ladder resistance noise. See Figure 2-12 for eni versus G data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com