Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S93 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6S93
Description  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S93 Datasheet(HTML) 3 Page - Microchip Technology

  MCP6S93 Datasheet HTML 1Page - Microchip Technology MCP6S93 Datasheet HTML 2Page - Microchip Technology MCP6S93 Datasheet HTML 3Page - Microchip Technology MCP6S93 Datasheet HTML 4Page - Microchip Technology MCP6S93 Datasheet HTML 5Page - Microchip Technology MCP6S93 Datasheet HTML 6Page - Microchip Technology MCP6S93 Datasheet HTML 7Page - Microchip Technology MCP6S93 Datasheet HTML 8Page - Microchip Technology MCP6S93 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 3
MCP6S91/2/3
Ladder Resistance
Ladder Resistance
RLAD
3.4
4.9
6.4
k
Ω
(Note 1)
Ladder Resistance across
Temperature
∆R
LAD/∆TA
—+0.028
—
%/°C
TA = -40°C to +125°C (Note 1)
Amplifier Output
DC Output Non-linearity G = +1
VONL
—
±0.18
—
% of FSR VOUT ≈ 0.3V to VDD − 0.3V, VDD =5.0V
G
≥ +2
VONL
—
±0.050
—
% of FSR VOUT ≈ 0.3V to VDD − 0.3V, VDD =5.0V
Maximum Output Voltage Swing
VOH_ANA,
VOL_ANA
VSS + 20
—
VDD – 100
mV
G
≥ +2; 0.5V output overdrive
VSS + 60
—
VDD – 60
G
≥ +2; 0.5V output overdrive,
VREF = VDD/2
Short Circuit Current
ISC
—±25
—
mA
Power Supply
Supply Voltage
VDD
2.5
—
5.5
V
Minimum Valid Supply Voltage
VDD_VAL
—
0.4
2.0
V
Register data still valid
Quiescent Current
IQ
0.4
1.0
1.6
mA
IO = 0 (Note 3)
Quiescent Current, Shutdown
Mode
IQ_SHDN
—30
—
pA
IO = 0 (Note 3)
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to +5.5V, VSS = GND, VREF = VSS, G = +1 V/V,
Input = CH0 = (0.3V)/G, CH1 = 0.3V, RL =10 kΩ to VDD/2, SI and SCK are tied low and CS is tied high.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note
1:
RLAD (RF+RG in Figure 4-1) connects VREF, VOUT and the inverting input of the internal amplifier. The MCP6S92 has
VREF tied internally to VSS, so VSS is coupled to the internal amplifier and the PSRR spec describes PSRR+ only. It is
recommended that the MCP6S92’s VSS pin be tied directly to ground to avoid noise problems.
2:
The MCP6S92’s VIVR and VIVR_REF are not tested in production; they are set by design and characterization.
3:
IQ includes current in RLAD (typically 60 µA at VOUT = 0.3V). Both IQ and IQ_SHDN exclude digital switching currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com