Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S93 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP6S93
Description  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S93 Datasheet(HTML) 2 Page - Microchip Technology

  MCP6S93 Datasheet HTML 1Page - Microchip Technology MCP6S93 Datasheet HTML 2Page - Microchip Technology MCP6S93 Datasheet HTML 3Page - Microchip Technology MCP6S93 Datasheet HTML 4Page - Microchip Technology MCP6S93 Datasheet HTML 5Page - Microchip Technology MCP6S93 Datasheet HTML 6Page - Microchip Technology MCP6S93 Datasheet HTML 7Page - Microchip Technology MCP6S93 Datasheet HTML 8Page - Microchip Technology MCP6S93 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 2
MCP6S91/2/3
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD –VSS ........................................................................7.0V
All inputs and outputs..................... VSS –0.3Vto VDD +0.3V
Difference Input voltage ....................................... |VDD –VSS|
Output Short Circuit Current ..................................continuous
Current at Input Pin
.............................................................±2mA
Current at Output and Supply Pins
................................ ±30 mA
Storage temperature .....................................-65°C to +150°C
Junction temperature .................................................. +150°C
ESD protection on all pins (HBM; MM)
................ ≥ 4 kV; 200V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
PIN FUNCTION TABLE
Name
Function
VOUT
Analog Output
CH0, CH1 Analog Inputs
VREF
External Reference Pin
VSS
Negative Power Supply
CS
SPI Chip Select
SI
SPI Serial Data Input
SO
SPI Serial Data Output
SCK
SPI Clock Input
VDD
Positive Power Supply
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to +5.5V, VSS = GND, VREF = VSS, G = +1 V/V,
Input = CH0 = (0.3V)/G, CH1 = 0.3V, RL =10 kΩ to VDD/2, SI and SCK are tied low and CS is tied high.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Amplifier Inputs (CH0, CH1)
Input Offset Voltage
VOS
-4
—
+4
mV
G = +1
Input Offset Voltage Mismatch
∆V
OS
—
0
—
µV
Between inputs (CH0, CH1)
Input Offset Voltage Drift
∆V
OS/∆TA
—±1.8
—
µV/°C
TA = -40°C to +125°C
Power Supply Rejection Ratio
PSRR
70
90
—
dB
G = +1 (Note 1)
Input Bias Current
IB
—
±1
—
pA
CHx = VDD/2
Input Bias Current at
Temperature
IB
—
30
—
pA
CHx = VDD/2, TA = +85°C
IB
—
600
—
pA
CHx = VDD/2, TA = +125°C
Input Impedance
ZIN
—1013||7
—
Ω||pF
Input Voltage Range
VIVR
VSS − 0.3
—
VDD + 0.3
V
(Note 2)
Reference Input (VREF)
Input Impedance
ZIN_REF
—
(5/G)||6
—
k
Ω||pF
Voltage Range
VIVR_REF
VSS
—VDD
V
(Note 2)
Amplifier Gain
Nominal Gains
G
—
1 to 32
—
V/V
+1, +2, +4, +5, +8, +10, +16 or +32
DC Gain Error
G = +1
gE
-0.2
—
+0.2
%
VOUT ≈ 0.3V to VDD − 0.3V
G
≥ +2
gE
-1.0
—
+1.0
%
VOUT ≈ 0.3V to VDD − 0.3V
DC Gain Drift
G = +1
∆G/∆T
A
—
±0.0002
—
%/°C
TA = -40°C to +125°C
G
≥ +2
∆G/∆T
A
—
±0.0004
—
%/°C
TA = -40°C to +125°C
Note
1:
RLAD (RF+RG in Figure 4-1) connects VREF, VOUT and the inverting input of the internal amplifier. The MCP6S92 has
VREF tied internally to VSS, so VSS is coupled to the internal amplifier and the PSRR spec describes PSRR+ only. It is
recommended that the MCP6S92’s VSS pin be tied directly to ground to avoid noise problems.
2:
The MCP6S92’s VIVR and VIVR_REF are not tested in production; they are set by design and characterization.
3:
IQ includes current in RLAD (typically 60 µA at VOUT = 0.3V). Both IQ and IQ_SHDN exclude digital switching currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com