Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422 Datasheet(PDF) 74 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 70Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 71Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 72Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 73Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 74Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 75Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 76Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 77Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Power saving modes
UPSD3422, UPSD3433, UPSD3434, UPSD3454
74/300
Table 31.
MCU module port and peripheral status during reduced power modes
Mode
Ports 1, 3, 4
SPI, I2C,
UART0,1
PCA,
Timer
0,1,2
USB
ADC
EXT
INT0,1
Supervisory
Idle
Maintain
data
Active
Active
Active
Active
Active
Active(1)
1.
The Watchdog Timer is not active during Idle mode. Other supervisor functions are active: LVD, external
reset, JTAG Debug reset.
Power-
down
Maintain
data
Disabled
Disabled
Disabled
Disabled
Disabled
Disabled
Table 32.
State of 8032 MCU bus signals during power-down and idle modes
Mode
ALE
PSEN_
RD_
WR_
AD0-7
A8-15
Idle
0111
FFh
FFh
Power-down
0111
FFh
FFh
Table 33.
PCON: power control register (SFR 87h, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SMOD0
SMOD1
–
POR
RCLK1
TCLK1
PD
IDL
Table 34.
PCON register bit definition
Bit
Symbol
R/W
Function
7
SMOD0
R,W
Baud Rate Double Bit (UART0)
0 = No doubling
1 = Doubling
(See Section 21.3: UART baud rates on page 110 for details.)
6
SMOD1
R,W
Baud Rate Double Bit for 2nd UART (UART1)
0 = No doubling
1 = Doubling
(See Section 21.3: UART baud rates on page 110 for details.)
5
–
–
Reserved
4POR
R,W
Only a power-on reset sets this bit (cold reset). Warm reset
will not set this bit.
0 = Cleared to zero with firmware
1 = Is set only by a power-on reset generated by Supervisory
circuit (see Section 19.3: Power-up reset on page 92 for
details).
3
RCLK1
R,W
Received Clock Flag (UART1)
(See Table 60 on page 101 for flag description.)
2
TCLK1
R,W
Transmit Clock Flag (UART1)
(See Table 60 on page 101 for flag description)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com