Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422 Datasheet(PDF) 90 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 86Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 87Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 88Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 89Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 90Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 91Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 92Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 93Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
MCU bus interface
UPSD3422, UPSD3433, UPSD3434, UPSD3454
90/300
Table 51.
Number of MCU_CLK periods required to optimize bus transfer rate
MCU clock frequency,
MCU_CLK (fMCU)
CW[1:0] Clk
periods
RDW[1:0] Clk
periods
WRW[1:0] Clk
periods
3.3 V(1)
1.
VDD of the PSD module.
5V(1)
3.3 V(1)
5V(1)
3.3 V(1)
5V(1)
40 MHz, Turbo mode PSD(2)
2.
“Turbo mode PSD” means that the PSD module is in the faster, Turbo mode (default condition). A PSD
module in Non-Turbo mode is slower, but consumes less current. See PSD module section, titled “PLD
Non-Turbo mode” for details.
54
54
54
40 MHz, Non-turbo mode PSD
6
5
6
5
6
5
36 MHz, Turbo mode PSD
5
4
5
4
5
4
36 MHz, Non-turbo mode PSD
6
4
6
4
6
4
32 MHz, Turbo mode PSD
5
4
5
4
5
4
32 MHz, Non-turbo mode PSD
5
4
5
4
5
4
28 MHz, Turbo mode PSD
4
3
4
4
4
4
28 MHz, Non-turbo mode PSD
5
4
5
4
5
4
24MHz, Turbo mode PSD
43
44
44
24MHz, Non-turbo mode PSD
4
3
4
4
4
4
20 MHz and below, Turbo mode PSD
3
3
4
4
4
4
20 MHz and below, Non-turbo mode
PSD
33
44
44
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com