Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422 Datasheet(PDF) 88 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 84Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 85Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 86Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 87Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 88Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 89Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 90Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 91Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
MCU bus interface
UPSD3422, UPSD3433, UPSD3434, UPSD3454
88/300
It is not possible to specify in the BUSCON register a different number of MCU_CLK periods
for various address ranges. For example, the user cannot specify 4 MCU_CLK periods for
RD read cycles to one address range on the PSD module, and 5 MCU_CLK periods for RD
read cycles to a different address range on an external device. However, the user can
specify one number of clock periods for PSEN read cycles and a different number of clock
periods for RD or WR cycles (see Figure 21 on page 88).
18.5
Controlling the PFQ and BC
The BUSCON register allows firmware to enable and disable the PFQ and BC at run-time.
Sometimes it may be desired to disable the PFQ and BC to ensure deterministic execution.
The dynamic action of the PFQ and BC may cause varying program execution times
depending on the events that happen prior to a particular section of code of interest. For this
reason, it is not recommended to implement timing loops in firmware, but instead use one of
the many hardware timers in the UPSD34xx. By default, the PFQ and BC are enabled after
a reset condition.
Important note: Disabling the PFQ or BC will seriously reduce MCU performance.
Figure 21.
A RD or PSEN bus cycle set to 5 MCU_CLK
1.
The PSEN cycle is 16-bit, while the RD cycle is 8-bit only.
2.
A PSEN bus cycle in progress may be aborted before completion if the PFQ and Branch Cache (BC)
determines the current code fetch cycle is not needed.
3.
Whenever the same number of MCU_CLK periods is specified in BUSCON for both PSEN and RD cycles,
the bus cycle timing is typically identical for each of these types of bus cycles. In this case, the only time
PSEN read cycles are longer than RD read cycles is when the PFQ issues a stall while reloading. PFQ
stalls do not affect RD read cycles. By comparison, in many traditional 8051 architectures, RD bus cycles
are always longer than PSEN bus cycles.
Table 49.
BUSCON: bus control register (SFR 9Dh, reset value EBh)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EPFQ
EBC
WRW[1:0]
RDW[1:0]
CW[1:0]
A0-A15
MCU Clock
ALE
AD0-AD15
1
2
3
4
5
D0-D15
(1)
5-Clock Bus Cycle
RD/PSEN
(2,3)
AI10436
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com