Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 24Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 25Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 26Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 27Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 28Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 29Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 30Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 31Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Hardware description
UPSD3422, UPSD3433, UPSD3434, UPSD3454
28/300
3
Hardware description
The UPSD34xx has a modular architecture built from a stacked die process. There are two
dice, one is designated “MCU module” in this document, and the other is designated “PSD
module” (see Figure 4 on page 29). In all cases, the MCU module die operates at 3.3 V with
5 V tolerant I/O. The PSD module is either a 3.3 V die or a 5 V die, depending on the
UPSD34xx device as described below.
The MCU module consists of a fast 8032 core, that operates with 4 clocks per instruction
cycle, and has many peripheral and system supervisor functions. The PSD module provides
the 8032 with multiple memories (two Flash and one SRAM) for program and data,
programmable logic for address decoding and for general-purpose logic, and additional I/O.
The MCU module communicates with the PSD module through internal address and data
busses (AD0 – AD15) and control signals (RD, WR, PSEN, ALE, RESET).
There are slightly different I/O characteristics for each module. I/Os for the MCU module are
designated as Ports 1, 3, and 4. I/Os for the PSD module are designated as Ports A, B, C,
and D.
For all 5 V UPSD34xx devices, a 3.3 V MCU module is stacked with a 5 V PSD module. In
this case, a 5 V UPSD34xx device must be supplied with 3.3 VCC for the MCU module and
5.0 VDD for the PSD module. Ports 3 and 4 of the MCU module are 3.3 V ports with
tolerance to 5 V devices (they can be directly driven by external 5 V devices and they can
directly drive external 5 V devices while producing a VOH of 2.4V min and VCC max). Ports
A, B, C, and D of the PSD module are true 5 V ports.
For all 3.3 V UPSD34xxV devices, a 3.3 V MCU module is stacked with a 3.3 V PSD
module. In this case, a 3.3 V UPSD34xx device needs to be supplied with a single 3.3 V
voltage source at both VCC and VDD. I/O pins on Ports 3 and 4 are 5 V tolerant and can be
connected to external 5 V peripherals devices if desired. Ports A, B, C, and D of the PSD
module are 3.3 V ports, which are not tolerant to external 5 V devices.
Refer to Table 3 for port type and voltage source requirements.
80-pin UPSD34xx devices provide access to 8032 address, data, and control signals on
external pins to connect external peripheral and memory devices. 52-pin UPSD34xx
devices do not provide access to the 8032 system bus.
All non-volatile memory and configuration portions of the UPSD34xx device are
programmed through the JTAG interface and no special programming voltage is needed.
This same JTAG port is also used for debugging of the 8032 core at runtime providing
breakpoint, single-step, display, and trace features. A non-volatile security bit may be
programmed to block all access via JTAG interface for security. The security bit is defeated
only by erasing the entire device, leaving the device blank and ready to use again.
Table 3.
Port type and voltage source combinations
Device type
VCC for MCU
module
VDD for PSD
module
Ports 1, 3, and 4 on
MCU module
Ports A, B, C, and D
on PSD module
5 V:
UPSD34xx
3.3 V
5.0 V
3.3 V (Ports 3 and 4 are
5 V tolerant)
5 V
3.3 V:
UPSD34xxV
3.3 V
3.3 V
3.3 V (Ports 3 and 4 are
5 V tolerant)
3.3 V. NOT 5 V tolerant
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com