Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 68Page - STMicroelectronics ST25DV64K Datasheet HTML 69Page - STMicroelectronics ST25DV64K Datasheet HTML 70Page - STMicroelectronics ST25DV64K Datasheet HTML 71Page - STMicroelectronics ST25DV64K Datasheet HTML 72Page - STMicroelectronics ST25DV64K Datasheet HTML 73Page - STMicroelectronics ST25DV64K Datasheet HTML 74Page - STMicroelectronics ST25DV64K Datasheet HTML 75Page - STMicroelectronics ST25DV64K Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 197 page
background image
7
RF operation
Contactless exchanges are performed in RF mode as specified by ISO/IEC 15693 or NFC Forum Type 5.
The ST25DVxxx communicate via the 13.56 MHz carrier electromagnetic wave, on which incoming data are
demodulated from the received signal amplitude modulation (ASK: amplitude shift keying). The received ASK
wave is 10% or 100% modulated, with a data rate of 1.6 Kbit/s using the 1/256 pulse coding mode, or a data rate
of 26 Kbit/s using the 1/4 pulse coding mode.
Outgoing data are generated by the ST25DVxxx load variation using Manchester coding with one or two
subcarrier frequencies at 423 and 484 kHz. Data are transferred from the ST25DVxxx at 6.6 Kbit/s in low data
rate mode, at 26 Kbit/s in high data rate mode. The ST25DVxxx supports 53 Kbit/s in high data rate mode in one
subcarrier frequency at 423 kHz.
The ST25DVxxx follows ISO/IEC 15693 or NFC Forum Type 5 recommendations for radio-frequency power and
signal interface and for anticollision and transmission protocol.
7.1
RF communication
7.1.1
Access to an ISO/IEC 15693 device
The dialog between the “RF reader” and the ST25DVxxx takes place as follows:
•
device activation by the RF operating field of the reader
•
transmission of a command by the reader (the device detects carrier amplitude modulation)
•
transmission of a response by the device using load modulation
These operations use the RF power transfer and communication signal interface described below. This technique
is called RTF (Reader talk first).
Operating field
The ST25DVxxx operates continuously between the minimum and maximum values of the electromagnetic field H
defined in Table 253. RF characteristics. The reader must generate a field within these limits.
Power transfer
Power is transferred to the ST25DVxxx by radio frequency at 13.56 MHz via coupling antennas. The RF
operating field of the reader is transformed on the device antenna into an AC voltage, which is rectified,
filtered and internally regulated. During communication, the amplitude modulation (ASK) on this received signal is
demodulated by the ASK demodulator
Frequency
The ISO 15693 standard defines the carrier frequency (fC) of the operating field as 13.56 MHz ±7 kHz.
7.2
RF communication and energy harvesting
As the current consumption can affect the AC signal delivered by the antenna, RF communications with
ST25DVxxx are not guaranteed during voltage delivery on the energy harvesting analog output V_EH.
RF communication can disturb and possibly stop Energy Harvesting mode.
7.3
Fast transfer mode mailbox access in RF
Thanks to dedicated commands, the RF interface has the possibility to check Mailbox availability, and the
capability to access it directly to put or get a message from it (see Section 5.1 Fast transfer mode (FTM) for
specific features).
ST25DV04K ST25DV16K ST25DV64K
RF operation
DS10925 - Rev 11
page 72/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com