Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 13Page - STMicroelectronics ST25DV64K Datasheet HTML 14Page - STMicroelectronics ST25DV64K Datasheet HTML 15Page - STMicroelectronics ST25DV64K Datasheet HTML 16Page - STMicroelectronics ST25DV64K Datasheet HTML 17Page - STMicroelectronics ST25DV64K Datasheet HTML 18Page - STMicroelectronics ST25DV64K Datasheet HTML 19Page - STMicroelectronics ST25DV64K Datasheet HTML 20Page - STMicroelectronics ST25DV64K Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 197 page
background image
4.3
System configuration area
In addition to EEPROM user memory, ST25DVxxx includes a set of static registers located in the system
configuration area memory (EEPROM nonvolatile registers). Those registers are set during device configuration
(i.e.: area extension), or by the application (i.e.: area protection). Static registers content is read during the boot
sequence and define basic ST25DVxxx behavior.
In RF, the static registers located in the system configuration area can be accessed via dedicated Read
Configuration and Write Configuration commands, with a pointer acting as the register address.
The RF configuration security session must first be open, by presenting a valid RF configuration password, to
grant write access to system configuration registers.
The system configuration area write access by RF can also be deactivated by I2C host.
In I2C static registers located in the system configuration area can be accessed with I2C read and write
commands with device select E2=1. Readable system areas could be read in continuity.
I2C security session must first be open, by presenting a valid I2C password, to grant write access to system
configuration registers.
Table 11. System configuration memory map shows the complete map of the system configuration area, as seen
by RF and I2C interface.
Table 11. System configuration memory map
RF access
Static Register
I2C access
Address
Type
Name
Function
Device select
Address
Type
00h
RW (1)
GPO
Enable/disable ITs on GPO
E2=1
0000h
RW (2)
01h
RW(1)
IT_TIME
Interruption pulse duration
E2=1
0001h
RW(2)
02h
RW(1)
EH_MODE
Energy Harvesting default strategy after Power ON
E2=1
0002h
RW(2)
03h
RW(1)
RF_MNGT
RF interface state after Power ON
E2=1
0003h
RW(2)
04h
RW(1)
RFA1SS
Area1 RF access protection
E2=1
0004h
RW(2)
05h
RW(1)
ENDA1
Area 1 ending point
E2=1
0005h
RW(2)
06h
RW(1)
RFA2SS
Area2 RF access protection
E2=1
0006h
RW(2)
07h
RW(1)
ENDA2
Area 2 ending point
E2=1
0007h
RW(2)
08h
RW(1)
RFA3SS
Area3 RF access protection
E2=1
0008h
RW(2)
09h
RW(1)
ENDA3
Area 3 ending point
E2=1
0009h
RW(2)
0Ah
RW(1)
RFA4SS
Area4 RF access protection
E2=1
000Ah
RW(2)
No access
I2CSS
Area 1 to 4 I2C access protection
E2=1
000Bh
RW(2)
N/A
RW (3) (4) LOCK_CCFILE Blocks 0 and 1 RF Write protection
E2=1
000Ch
RW(2)
0Dh
RW(1)
MB_MODE
Fast transfer mode state after power ON
E2=1
000Dh
RW(2)
0Eh
RW(1)
MB_WDG
Maximum time before the message is automatically
released
E2=1
000Eh
RW(2)
0Fh
RW(1)
LOCK_CFG
Protect RF Write to system configuration registers
E2=1
000Fh
RW(2)
N/A
WO (5)
LOCK_DSFID DSFID lock status
E2=1
0010h
RO
NA
WO (6)
LOCK_AFI
AFI lock status
E2=1
0011h
RO
N/A
RW(5)
DSFID
DSFID value
E2=1
0012h
RO
N/A
RW(6)
AFI
AFI value
E2=1
0013h
RO
N/A
RO
MEM_SIZE
Memory size value in blocks, 2 bytes
E2=1
0014h to 0015h
RO
RO
BLK_SIZE
Block size value in bytes
E2=1
0016h
RO
N/A
RO
IC_REF
IC reference value
E2=1
0017h
RO
NA
RO
UID
Unique identifier, 8 bytes
E2=1
0018h to 001Fh
RO
ST25DV04K ST25DV16K ST25DV64K
System configuration area
DS10925 - Rev 11
page 17/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com