Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 8Page - STMicroelectronics ST25DV64K Datasheet HTML 9Page - STMicroelectronics ST25DV64K Datasheet HTML 10Page - STMicroelectronics ST25DV64K Datasheet HTML 11Page - STMicroelectronics ST25DV64K Datasheet HTML 12Page - STMicroelectronics ST25DV64K Datasheet HTML 13Page - STMicroelectronics ST25DV64K Datasheet HTML 14Page - STMicroelectronics ST25DV64K Datasheet HTML 15Page - STMicroelectronics ST25DV64K Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 197 page
background image
Table 2. User memory as seen by RF and by I2C
RF command
(block addressing)
User memory
I2C command
(byte addressing)
Read Single Block
Read Multiple Blocks
Fast Read Single Block
Fast Read Multiple Blocks
Write Single Block
Write Multiple Blocks
Ext Read Single Block
Ext Read Multiple Blocks
Fast Ext Read Single Block
Fast Ext Read Multi Blocks
Ext Write Single Block
Ext Write Multiple Blocks
RF block (00)00h
I2C Read command
I2C Write command
Device select E2 = 0
I2C byte
0003h
I2C byte
0002h
I2C byte
0001h
I2C byte
0000h
RF block (00)01h
I2C byte
0007h
I2C byte
0006h
I2C byte
0005h
I2C byte
0004h
RF block (00)02h
I2C byte
000Bh
I2C byte
000Ah
I2C byte
0009h
I2C byte
0008h
....
RF block (00)7Fh (1)
I2C byte
01FFh
I2C byte
01FEh
I2C byte
01FDh
I2C byte
01FCh
....
RF block (00)FFh (2)
I2C byte
03FFh
I2C byte
03FEh
I2C byte
03FDh
I2C byte
03FCh
Ext Read Single Block
Ext Read Multiple Blocks
Fast Ext Read Single Block
Fast Ext Read Multi Blocks
Ext Write Single Block
Ext Write Multiple Blocks
RF block 0100h
I2C byte
0403h
I2C byte
0402h
I2C byte
0401h
I2C byte
0400h
....
RF block 01FFh (3)
I2C byte
07FFh
I2C byte
07FEh
I2C byte
07FDh
I2C byte
07FCh
....
RF block 07FFh (4)
I2C byte
1FFFh
I2C byte
1FFEh
I2C byte
1FFDh
I2C byte
1FFCh
1. Last block of user memory in ST25DV04K
‑XX..
2. Last block accessible with Read Single Block, Read Multiple Blocks, Fast Read Single Block, Fast Read Multiple Blocks, Write Single Block
and Write Multiple Blocks RF commands.
3. Last block of user memory in ST25DV16K
‑XX.
4. Last block of user memory in ST25DV64K
‑XX.
Note:
In the factory all blocks of user memory are initialized to 00h.
ST25DV04K ST25DV16K ST25DV64K
User memory
DS10925 - Rev 11
page 12/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com