Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 11Page - STMicroelectronics ST25DV64K Datasheet HTML 12Page - STMicroelectronics ST25DV64K Datasheet HTML 13Page - STMicroelectronics ST25DV64K Datasheet HTML 14Page - STMicroelectronics ST25DV64K Datasheet HTML 15Page - STMicroelectronics ST25DV64K Datasheet HTML 16Page - STMicroelectronics ST25DV64K Datasheet HTML 17Page - STMicroelectronics ST25DV64K Datasheet HTML 18Page - STMicroelectronics ST25DV64K Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 197 page
background image
1.
Ends of Areas 3 and 2 must first be set to the end of memory respecting the following order:
a.
If ENDA3 ≠ end of user memory, then set ENDA3 = end of memory; else, do not write ENDA3.
b.
If ENDA2 ≠ end of user memory, then set ENDA2 = end of memory; else, do not write ENDA2.
2.
Then, desired area limits can be set respecting the following order:
a.
Set new ENDA1 value.
b.
Set new ENDA2 value, with ENDA2 > ENDA1
c.
Set new ENDA3 value, with ENDA3 > ENDA2
Example of successive user memory area setting (for a ST25DV64K-xx):
1.
Initial state, two areas are defined:
a.
ENDA1 = 10h (last block of Area 1: (10h * 8) + 7 = 0087h)
b.
ENDA2 = FFh (last block of Area 2: (FFh * 8) + 7 = 07FFh)
c.
ENDA3 = FFh (no Area 3)
◦
Area 1 from block 0000h to 0087h (136 blocks)
◦
Area 2 from block 0088h to 07FFh (1912 blocks)
◦
There is no Area 3
◦
There is no Area 4
2.
Split of user memory in four areas:
a.
ENDA3 is not updated as it is already set to end of memory
b.
ENDA2 is not updated as it is already set to end of memory
c.
Set ENDA1 = 3Fh (last block of Area 1: (3Fh * 8) + 7 = 01FFh)
d.
Set ENDA2 = 5Fh (last block of Area 1: (5Fh * 8) + 7 = 02FFh)
e.
Set ENDA3 = BFh (last block of Area 1: (BFh * 8) + 7 = 05FFh)
◦
Area1 from block 0000h to 01FFh (512 blocks)
◦
Area2 from block 0200h to 02FFh (256 blocks)
◦
Area3 from block 0300h to 05FFh (768 blocks)
◦
Area4 from block 0600h to 07FFh (512 blocks).
3.
Return to a split in two equal areas:
a.
Set ENDA3 = FFh
b.
Set ENDA2 = FFh
c.
Set ENDA1 = 7Fh (last block of Area 1: (7Fh * 8) + 7 = 03FFh)
◦
Area1 from block 0000h to 03FFh (1024 blocks)
◦
Area2 from block 0400h to 07FFh (1024 blocks)
◦
There is no Area3
◦
There is no Area 4
Programming ENDA3 to FFh in step 2.a results in an error, since rule ENDAi - 1 < ENDAi is not respected
(ENDA2 = ENDA3 in that case).
Registers for user memory area configuration
Table 5. ENDA1 access
RF
I2C
Command
Type
Address
Type
Read Configuration (code A0h) @05h
Write Configuration (code A1h) @05h
R always, W if RF configuration security session is
open and configuration not locked
E2 = 1, 0005h
R always, W if I2C security
session is open
ST25DV04K ST25DV16K ST25DV64K
User memory
DS10925 - Rev 11
page 15/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com