Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 10Page - STMicroelectronics ST25DV64K Datasheet HTML 11Page - STMicroelectronics ST25DV64K Datasheet HTML 12Page - STMicroelectronics ST25DV64K Datasheet HTML 13Page - STMicroelectronics ST25DV64K Datasheet HTML 14Page - STMicroelectronics ST25DV64K Datasheet HTML 15Page - STMicroelectronics ST25DV64K Datasheet HTML 16Page - STMicroelectronics ST25DV64K Datasheet HTML 17Page - STMicroelectronics ST25DV64K Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 197 page
background image
Table 4. Areas and limit calculation from ENDAi registers
Area
Seen from RF interface
Seen from I2C interface
Area 1
Block 0000h
…
Block (ENDA1 * 8) + 7
Byte 0000h
…
Byte (ENDA1 * 32) + 31
Area 2
Block (ENDA1 + 1) * 8
…
Block (ENDA2 * 8) + 7
Byte (ENDA1 + 1) * 32
…
Byte (ENDA2 * 32) + 31
Area 3
Block (ENDA2 + 1) * 8
…
Block (ENDA3 * 8) + 7
Byte (ENDA2 + 1) * 32
…
Byte (ENDA3 * 32) + 31
Area 4
Block (ENDA3 + 1) * 8
…
Last memory block
Byte (ENDA3 + 1) * 32
…
Last memory byte
The organization of user memory in areas has the following characteristics:
•
At least one area exists (Area1), starting at block/byte address 0000h and finishing at ENDA1, with ENDA1
= ENDA2 = ENDA3 = End of user memory (factory setting).
•
Two areas can be defined by setting ENDA1 < ENDA2 = ENDA3 = End of user memory.
•
Three areas can be defined by setting ENDA1 < ENDA2 < ENDA3 = End of user memory.
•
A maximum of four areas can be defined by setting ENDA1 < ENDA2 < ENDA3 < End of user memory.
•
Area 1 specificities:
–
Start is always block/byte address 0000h
–
Minimum size is 8 blocks (32 bytes) when ENDA1 = 00h
–
Always readable
•
The last area always finishes on the last user memory block/byte address (ENDA4 does not exist).
•
All areas are contiguous: end of Area(n) + one block/byte address is always start of Area(n+1).
Area size programming
RF user must first open the RF configuration security session to write ENDAi registers.
I2C host must first open I2C security session to write ENDAi registers.
When programming an ENDAi register, the following rule must be respected:
•
ENDAi-1 < ENDAi ≤ ENDAi + 1 = End of memory.
This means that prior to programming any ENDAi register, its successor (ENDAi + 1) must first be programmed to
the last block/byte of memory:
•
Successful ENDA3 programming condition: ENDA2 < ENDA3 ≤ End of user memory
•
Successful ENDA2 programming condition: ENDA1 < ENDA2 ≤ ENDA3 = End of user memory
•
Successful ENDA1 programming condition: ENDA1 ≤ ENDA2 = ENDA 3 = End of user memory
If this rule is not respected, an error 0Fh is returned in RF, NoAck is returned in I2C, and programming is not
done. To respect this rule, the following procedure is recommended when programming areas size (even for
changing only one):
ST25DV04K ST25DV16K ST25DV64K
User memory
DS10925 - Rev 11
page 14/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com