Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVALSMARTAG2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVALSMARTAG2
Description  NFC dynamic tag sensor and processing node evaluation board
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVALSMARTAG2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVALSMARTAG2 Datasheet HTML 1Page - STMicroelectronics STEVALSMARTAG2 Datasheet HTML 2Page - STMicroelectronics STEVALSMARTAG2 Datasheet HTML 3Page - STMicroelectronics STEVALSMARTAG2 Datasheet HTML 4Page - STMicroelectronics STEVALSMARTAG2 Datasheet HTML 5Page - STMicroelectronics STEVALSMARTAG2 Datasheet HTML 6Page - STMicroelectronics STEVALSMARTAG2 Datasheet HTML 7Page - STMicroelectronics STEVALSMARTAG2 Datasheet HTML 8Page - STMicroelectronics STEVALSMARTAG2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
•
NFCSENSORTAG.BOX: optimized form factor and encapsulated in a plastic
case for testing
•
ST25DV64KC-JF6D3 dynamic NFC/RFID tag IC with 64-Kbit EEPROM and
fast transfer mode capability
•
STM32L4P5-CGU6 ultra-low-power Arm® Cortex®-M4 32-bit MCU+FPU, 150
DMIPS, up to 1-MB flash memory, 320-KB SRAM, LCD-TFT, external SMPS
•
LSM6DSO32X iNEMO 6 DoF inertial module with 32 g accelerometer and
embedded machine learning core
•
LIS2DUXS12 ultra-low-power 3-axis smart accelerometer with machine
learning core and Qvar
•
H3LIS331DL MEMS motion sensor: low-power high-g 3-axis digital
accelerometer
•
LPS22DF low-power and high-precision MEMS nano pressure sensor:
260-1260 hPa absolute digital output barometer
•
STTS22H low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0
temperature sensor
•
VD6283TX Ambient Light Sensor with Hybrid filter multispectral and with
embedded light flicker engine
•
STLQ020 200 mA ultra-low quiescent current LDO
•
STBC15 ultra-low current consumption linear battery charger (optional
component, not populated)
•
STSAFE-A110 authentication, state-of-the-art security for peripherals and IoT
devices (optional component, not populated)
•
M41T62LC low-power serial real-time clocks (RTCs) with alarm (optional
component, not populated)
•
CR2032 or LIR2032 battery powered (not included)
•
STM32Cube function pack (FP-SNS-SMARTAG2)
•
End-to-end proof of concept ecosystem mobile app and cloud dashboard:
–
DSH-ASSETRACKING web cloud dashboard
–
STAssetTracking mobile app available on Google Play and App store
•
Suitable for the following applications:
–
Internet of things
–
Supply chain and cold-chain management
–
Smart building, home, and city
–
Retail and apparel
–
Smart packaging
–
Medical and pharmaceutical
–
Batteryless sensing
–
Smart agriculture (soil control, animal tracking)
–
Asset tracking
–
Impact detection
Product summary
NFC dynamic
tag sensor and
processing node
evaluation board
STEVAL-
SMARTAG2
Dynamic NFC/RFID
tag IC with 64-
Kbit EEPROM, and
fast transfer mode
capability
ST25DV64KC-
JF6D3
Ultra-low-power
3-axis smart
accelerometer with
machine learning
core and Qvar
LIS2DUXS12TR
Low-power and
high-precision
MEMS nano
pressure sensor:
260-1260 hPa
absolute digital
output barometer
LPS22DFTR
Ambient Light
Sensor with Hybrid
filter multispectral
and with embedded
light flicker engine
VD6283TX45/1
Low power
High-g 3-axis
accelerometer,
SPI/I2C digital
output MEMS
motion sensor,
user-selectable full
scales of ±100g/
±200g/±400g
H3LIS331DLTR
iNEMO inertial
module: always-on
3D accelerometer
and 3D gyroscope
LSM6DSO32XTR
NFC dynamic tag sensor and processing node evaluation board
STEVAL-SMARTAG2
Data brief
DB4876 - rev 1 - November 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STEVALSMARTAG2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVALSCR002V1 STMICROELECTRONICS-STEVALSCR002V1 Datasheet
489Kb / 6P
Inrush current limiter for active AC-DC bridge rectifier
19-Sep-2022
STEVALSPIN3202 STMICROELECTRONICS-STEVALSPIN3202 Datasheet
2Mb / 7P
STSPIN32F0A advanced 3-phase BLDC driver with embedded STM32 MCU single shunt evaluation board
Rev 3 - July 2021
STEVALSPIN3204 STMICROELECTRONICS-STEVALSPIN3204 Datasheet
4Mb / 8P
Six-step brushless motor driver evaluation board for applications based on the STSPIN32F0B BLDC controller
Rev 1 - May 2019
STEVALSTWINBX1 STMICROELECTRONICS-STEVALSTWINBX1 Datasheet
848Kb / 6P
STWIN.box - SensorTile Wireless Industrial Node Development Kit
25-Jan-2023
More results

Similar Description - STEVALSMARTAG2

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
logo
STMicroelectronics
UM1793 STMICROELECTRONICS-UM1793 Datasheet
401Kb / 9P
Dynamic NFC tag expansion board based on M24SR for STM32 Nucleo
31-Oct-2014
M24SR02-Y STMICROELECTRONICS-M24SR02-Y Datasheet
1Mb / 90P
Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I²C interface
February 2017 Rev 10
X-NUCLEO-NFC02A1 STMICROELECTRONICS-X-NUCLEO-NFC02A1 Datasheet
311Kb / 10P
Dynamic NFC tag IC expansion board based on M24LR04E for STM32 Nucleo
June 2016 Rev 4
logo
ams AG
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
AS39513 AMSCO-AS39513 Datasheet
1Mb / 108P
NFC Sensor Tag and Data Logger IC
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
STMicroelectronics
X-NUCLEO-NFC01A1 STMICROELECTRONICS-X-NUCLEO-NFC01A1 Datasheet
197Kb / 3P
Dynamic NFC tag expansion board based on M24SR for STM32 Nucleo
19-Jun-2014
STEVAL-SMARTAG1 STMICROELECTRONICS-STEVAL-SMARTAG1 Datasheet
148Kb / 4P
NFC Dynamic Tag sensor node evaluation board
22-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com