Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC595Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # HC595Y
Description  8-bit shift register with output latches (3-state)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HC595Y Datasheet(HTML) 1 Page - STMicroelectronics

  HC595Y Datasheet HTML 1Page - STMicroelectronics HC595Y Datasheet HTML 2Page - STMicroelectronics HC595Y Datasheet HTML 3Page - STMicroelectronics HC595Y Datasheet HTML 4Page - STMicroelectronics HC595Y Datasheet HTML 5Page - STMicroelectronics HC595Y Datasheet HTML 6Page - STMicroelectronics HC595Y Datasheet HTML 7Page - STMicroelectronics HC595Y Datasheet HTML 8Page - STMicroelectronics HC595Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
January 2014
DocID1989 Rev 6
1/22
M74HC595
8-bit shift register with output latches (3-state)
Datasheet
- production data
Features
• High speed: fMAX = 59 MHz (typ.) at VCC = 6 V
• Low power dissipation: ICC = 4 μA (max.)
at TA= 25 °C
• High noise immunity:
VNIH = VNIL = 28% VCC (min.)
• Symmetrical output impedance:
–|IOH| = IOL = 6 mA (min.) for QA to QH
–|IOH| = IOL = 4 mA (min.) for QH’
• Balanced propagation delays: tPLH ≅ tPHL
• Wide operating voltage range:
VCC (opr.) = 2 V to 6 V
• Pin and function compatible with 74 series 595
• ESD performance
–HBM: 2 kV
– MM: 200 V
–CDM: 1 kV
Applications
• Automotive
• Industrial
• Computer
• Consumer
Description
The M74HC595 device is a high speed CMOS
8-bit shift register with output latches (3-state)
fabricated with silicon gate C2MOS technology.
This device contains an 8-bit serial in, parallel out
shift register that feeds an 8-bit D-type storage
register. The storage register has 8 3-state
outputs. Separate clocks are provided for both the
shift register and the storage register.
The shift register has direct overriding clear, serial
input, and serial output (standard) pins for
cascading. Both the shift register and storage
register use positive edge triggered clocks. If both
clocks are connected together, the shift register
state will always be one clock pulse ahead of the
storage register.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
SO16
TSSOP16
Table 1. Device summary
Order code
Temperature range
Package
Packing
Marking
M74HC595RM13TR
-55/+125 °C
SO16
Tape and reel
74HC595
M74HC595YRM13TR(1)
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 and Q002 or equivalent.
-40/+125 °C
SO16 (automotive grade)
74HC595Y
M74HC595TTR
-55/+125 °C
TSSOP16
HC595
M74HC595YTTR(1)
-40/+125 °C
TSSOP16 (automotive grade)
HC595Y
www.st.com


Similar Part No. - HC595Y

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
HC595 SLS-HC595 Datasheet
81Kb / 10P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
Texas Instruments
HC595M TI-HC595M Datasheet
467Kb / 16P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results

Similar Description - HC595Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F595 PHILIPS-74F595 Datasheet
99Kb / 13P
8-bit shift register with output laches 3-State
1990 Apr 18
logo
STMicroelectronics
M54HC595 STMICROELECTRONICS-M54HC595 Datasheet
282Kb / 13P
8 BIT SHIFT REGISTER WITH OUTPUT LATCHES 3 STATE
Apr-1993
logo
Fairchild Semiconductor
74VHC595 FAIRCHILD-74VHC595 Datasheet
83Kb / 9P
8-Bit Shift Register with Output Latches
logo
ON Semiconductor
MC74VHC595 ONSEMI-MC74VHC595 Datasheet
269Kb / 12P
8-Bit Shift Register with Output Storage Register (3-State)
March, 2006 -- Rev. 4
logo
Fairchild Semiconductor
74VHC595 FAIRCHILD-74VHC595_07 Datasheet
407Kb / 12P
8-Bit Shift Register with Output Latches
logo
STMicroelectronics
M54HC595 STMICROELECTRONICS-M54HC595_04 Datasheet
738Kb / 15P
RAD-HARD 8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
01-Jun-2004
M74HC595 STMICROELECTRONICS-M74HC595 Datasheet
627Kb / 16P
8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
Mar-2004
logo
Unisonic Technologies
U74AHC595 UTC-U74AHC595 Datasheet
268Kb / 7P
8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
logo
ON Semiconductor
74VHC595 ONSEMI-74VHC595 Datasheet
408Kb / 14P
8-Bit Shift Register with Output Latches
May 2007 Rev. 1.2
MM74HC595 ONSEMI-MM74HC595 Datasheet
662Kb / 16P
8-Bit Shift Register with Output Latches
June 2009 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com