Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC595Y Datasheet(PDF) 14 Page - STMicroelectronics

Part # HC595Y
Description  8-bit shift register with output latches (3-state)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HC595Y Datasheet(HTML) 14 Page - STMicroelectronics

Back Button HC595Y Datasheet HTML 10Page - STMicroelectronics HC595Y Datasheet HTML 11Page - STMicroelectronics HC595Y Datasheet HTML 12Page - STMicroelectronics HC595Y Datasheet HTML 13Page - STMicroelectronics HC595Y Datasheet HTML 14Page - STMicroelectronics HC595Y Datasheet HTML 15Page - STMicroelectronics HC595Y Datasheet HTML 16Page - STMicroelectronics HC595Y Datasheet HTML 17Page - STMicroelectronics HC595Y Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Electrical characteristics
M74HC595
14/22
DocID1989 Rev 6
Figure 11. Waveform 5: SCLR minimum pulse width, minimum removal time
(f = 1 MHz; 50 % duty cycle)
Figure 12. Waveform 6: OUTPUT ENABLE and DISABLE times
(f = 1 MHz; 50 % duty cycle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com