Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC595Y Datasheet(PDF) 11 Page - STMicroelectronics

Part # HC595Y
Description  8-bit shift register with output latches (3-state)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HC595Y Datasheet(HTML) 11 Page - STMicroelectronics

Back Button HC595Y Datasheet HTML 7Page - STMicroelectronics HC595Y Datasheet HTML 8Page - STMicroelectronics HC595Y Datasheet HTML 9Page - STMicroelectronics HC595Y Datasheet HTML 10Page - STMicroelectronics HC595Y Datasheet HTML 11Page - STMicroelectronics HC595Y Datasheet HTML 12Page - STMicroelectronics HC595Y Datasheet HTML 13Page - STMicroelectronics HC595Y Datasheet HTML 14Page - STMicroelectronics HC595Y Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
DocID1989 Rev 6
11/22
M74HC595
Electrical characteristics
22
Figure 6. Test circuit
Note:
CL = 50 pF/150 pF or equivalent (includes jig and probe capacitance)
R1 = 1 KΩ or equivalent
RT = ZOUT of pulse generator (typically 50 Ω).
Table 8. Capacitive characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC (V)
TA = 25 °C
-40 to 85 °C
-55 to 125 °C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input capacitance
5
10
10
10
pF
CPD
Power dissipation
capacitance(1)
184
1.
CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current
consumption without load. (Refer to Figure 6: Test circuitt). Average operating current can be obtained by the following
equation: ICC(opr) = CPD x VCC x fIN + ICC.
Table 9. Propagation delay time configuration
Test
Switch
tPLH, tPHL
Open
tPZL, tPLZ
VCC
tPZH, tPHZ
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com