Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC595Y Datasheet(PDF) 10 Page - STMicroelectronics

Part # HC595Y
Description  8-bit shift register with output latches (3-state)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HC595Y Datasheet(HTML) 10 Page - STMicroelectronics

Back Button HC595Y Datasheet HTML 6Page - STMicroelectronics HC595Y Datasheet HTML 7Page - STMicroelectronics HC595Y Datasheet HTML 8Page - STMicroelectronics HC595Y Datasheet HTML 9Page - STMicroelectronics HC595Y Datasheet HTML 10Page - STMicroelectronics HC595Y Datasheet HTML 11Page - STMicroelectronics HC595Y Datasheet HTML 12Page - STMicroelectronics HC595Y Datasheet HTML 13Page - STMicroelectronics HC595Y Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Electrical characteristics
M74HC595
10/22
DocID1989 Rev 6
fMAX
Maximum
clock
frequency
2.0
50
6.0
17
4.8
4
MHz
4.5
30
50
24
20
6.0
35
59
28
24
2.0
150
5.2
14
4.2
3.4
MHz
4.5
26
40
21
17
6.0
31
45
25
20
tW(H)
Minimum pulse
width
(SCK, RCK)
2.0
50
17
75
95
110
ns
4.5
6
15
19
22
6.0
6
13
16
19
tW(L)
Minimum pulse
width
(SCLR)
2.0
50
20
75
95
110
ns
4.5
6
15
19
22
6.0
6
13
16
19
ts
Minimum setup
time
(SI - CCK)
2.0
50
25
50
65
75
ns
4.5
5
10
13
15
6.0
4
9
11
13
ts
Minimum setup
time
(SCK - RCK)
2.0
50
35
75
95
110
ns
4.5
8
15
19
22
6.0
6
13
16
19
ts
Minimum setup
time
(SCRL - RCK)
2.0
50
40
100
125
145
ns
4.5
10
20
25
29
6.0
7
17
21
25
th
Minimum hold
time
2.0
50
00
0
ns
4.5
0
0
0
6.0
0
0
0
tREM
Minimum clear
removal time
2.0
50
15
50
65
75
ns
4.5
3
10
13
15
6.0
3
9
11
13
Table 7. AC electrical characteristics (CL = 50 pF, input tr = tf = 6 ns) (continued)
Symbol
Parameter
Test condition
Value
Unit
VCC (V) CL (pF)
TA = 25°C
-40 to 85°C -55 to 125°C
Min. Typ. Max. Min. Max. Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com