Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC595Y Datasheet(PDF) 21 Page - STMicroelectronics

Part # HC595Y
Description  8-bit shift register with output latches (3-state)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HC595Y Datasheet(HTML) 21 Page - STMicroelectronics

Back Button HC595Y Datasheet HTML 14Page - STMicroelectronics HC595Y Datasheet HTML 15Page - STMicroelectronics HC595Y Datasheet HTML 16Page - STMicroelectronics HC595Y Datasheet HTML 17Page - STMicroelectronics HC595Y Datasheet HTML 18Page - STMicroelectronics HC595Y Datasheet HTML 19Page - STMicroelectronics HC595Y Datasheet HTML 20Page - STMicroelectronics HC595Y Datasheet HTML 21Page - STMicroelectronics HC595Y Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DocID1989 Rev 6
21/22
M74HC595
Ordering information
22
5
Ordering information
6
Revision history
Table 14. Device summary
Order code
Temp. range
Package
Packing
Marking
M74HC595RM13TR
-55/+125 °C
SO16
Tape and reel
74HC595
M74HC595YRM13TR(1)
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 and Q002 or equivalent.
-40/+125 °C
SO16
(automotivegrade)
74HC595Y
M74HC595TTR
-55/+125 °C
TSSOP16
HC595
M74HC595YTTR(1)
-40/+125 °C
TSSOP16
(automotive grade)
HC595Y
Table 15. Document revision history
Date
Revision
Changes
18-Apr-2013
5
Added Applications to page 1.
Updated Table 1 (updated data, removed M74HC595M1R order
code, added M74HC595RM13TR, M74HC595YRM13TR,
M74HC595TTR, and M74HC595YTTR order code, temperature
range, marking, updated package and packaging).
Redrawn Figure 1 to Figure 4 and Figure 7 to Figure 13.
Moved Figure 1 to page 3.
Added Contents.
Added titles to Section 1 to Section 6 (reformatted Section 1 and
Section 2).
Added title to Table 9.
Added cross-reference to note 1. below Table 8.
Added ECOPACK text to Section 4, reformatted Section 4 (reversed
order of figures and tables, added titles to Figure 14 to Figure 17 and
Table 10 to Table 13, moved notes below Figure 15 and Figure 17).
Added Table 15.
Minor corrections throughout document.
10-Jan-2014
6
Removed PDIP16 package
Added ESD data to Features
Table 1: Device summary: updated footnote 1
Added Section 5: Ordering information
Updated layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com