Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPN2M50-H Datasheet(PDF) 11 Page - STMicroelectronics

Part # IPN2M50-H
Description  SLLIMM-nano IPM, 3-phase inverter, 2 A, 1.7 Ω max., 500 V MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPN2M50-H Datasheet(HTML) 11 Page - STMicroelectronics

Back Button IPN2M50-H Datasheet HTML 7Page - STMicroelectronics IPN2M50-H Datasheet HTML 8Page - STMicroelectronics IPN2M50-H Datasheet HTML 9Page - STMicroelectronics IPN2M50-H Datasheet HTML 10Page - STMicroelectronics IPN2M50-H Datasheet HTML 11Page - STMicroelectronics IPN2M50-H Datasheet HTML 12Page - STMicroelectronics IPN2M50-H Datasheet HTML 13Page - STMicroelectronics IPN2M50-H Datasheet HTML 14Page - STMicroelectronics IPN2M50-H Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
4
Shutdown function
The device is equipped with three half-bridge IC gate drivers and integrates a comparator for fault detection.
The comparator has an internal voltage reference VREF connected to the inverting input, while the non-inverting
input pin (CIN) can be connected to an external shunt resistor for current monitoring.
Since the comparator is embedded in the U IC gate driver, in case of fault it disables directly the U outputs,
whereas the shutdown of V and W IC gate drivers depends on the RC value of the external SD circuitry, which
fixes the disabling time.
For an effective design of the shutdown circuit, please refer to Application note AN4966.
Figure 6. Shutdown timing waveforms
∗
∗
∗
∗
≅
∗
_
∗
RSD and CSD external circuitry must be designed to ensure
Please refer to AN4966 for further details.
* RNTC to be considered only when the NTC is internally connected to the T/SD/OD pin.
HIN or LIN
HVG or LVG
open -drain gate
(interna l)
VREF
CI N
PROTECT ION
SD/OD
A
B
B
A
or
T/SD/OD
U
V, W
GADG250120171515FSR
STIPN2M50-H
Shutdown function
DS11935 - Rev 6
page 11/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com