Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPN2M50-H Datasheet(PDF) 3 Page - STMicroelectronics

Part # IPN2M50-H
Description  SLLIMM-nano IPM, 3-phase inverter, 2 A, 1.7 Ω max., 500 V MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPN2M50-H Datasheet(HTML) 3 Page - STMicroelectronics

  IPN2M50-H Datasheet HTML 1Page - STMicroelectronics IPN2M50-H Datasheet HTML 2Page - STMicroelectronics IPN2M50-H Datasheet HTML 3Page - STMicroelectronics IPN2M50-H Datasheet HTML 4Page - STMicroelectronics IPN2M50-H Datasheet HTML 5Page - STMicroelectronics IPN2M50-H Datasheet HTML 6Page - STMicroelectronics IPN2M50-H Datasheet HTML 7Page - STMicroelectronics IPN2M50-H Datasheet HTML 8Page - STMicroelectronics IPN2M50-H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Table 1. Pin description
Pin
Symbol
Description
1
GND
Ground
2
SD/OD
Shutdown logic input (active low) / open-drain (comparator output)
3
VCC W
Low voltage power supply W phase
4
HIN W
High-side logic input for W phase
5
LIN W
Low-side logic input for W phase
6
OP+
Op-amp non inverting input
7
OPOUT
Op-amp output
8
OP-
Op-amp inverting input
9
VCC V
Low voltage power supply V phase
10
HIN V
High-side logic input for V phase
11
LIN V
Low-side logic input for V phase
12
CIN
Comparator input
13
VCC U
Low voltage power supply for U phase
14
HIN U
High-side logic input for U phase
15
SD/OD
Shutdown logic input (active low) / open-drain (comparator output)
16
LIN U
Low-side logic input for U phase
17
VBOOT U
Bootstrap voltage for U phase
18
P
Positive DC input
19
U, OUTU
U phase output
20
NU
Negative DC input for U phase
21
VBOOT V
Bootstrap voltage for V phase
22
V, OUTV
V phase output
23
NV
Negative DC input for V phase
24
VBOOT W
Bootstrap voltage for W phase
25
W, OUTW
W phase output
26
NW
Negative DC input for W phase
STIPN2M50-H
Internal schematic diagram and pin configuration
DS11935 - Rev 6
page 3/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com