Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPN2M50-H Datasheet(PDF) 2 Page - STMicroelectronics

Part # IPN2M50-H
Description  SLLIMM-nano IPM, 3-phase inverter, 2 A, 1.7 Ω max., 500 V MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPN2M50-H Datasheet(HTML) 2 Page - STMicroelectronics

  IPN2M50-H Datasheet HTML 1Page - STMicroelectronics IPN2M50-H Datasheet HTML 2Page - STMicroelectronics IPN2M50-H Datasheet HTML 3Page - STMicroelectronics IPN2M50-H Datasheet HTML 4Page - STMicroelectronics IPN2M50-H Datasheet HTML 5Page - STMicroelectronics IPN2M50-H Datasheet HTML 6Page - STMicroelectronics IPN2M50-H Datasheet HTML 7Page - STMicroelectronics IPN2M50-H Datasheet HTML 8Page - STMicroelectronics IPN2M50-H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
1
Internal schematic diagram and pin configuration
Figure 1. Internal schematic diagram
HinV(10 )
LinV(11 )
Cin(12 )
VccU(13 )
HinU(14 )
SD/OD(15 )
LinU(16 )
(17)Vboot U
(18) P
(19)U,OUT U
(20)N U
(21)Vboot V
(22)V,OUT V
(23)N V
(24)Vboot W
(25)W,OUT W
(26)N W
GND(1 )
SD/OD(2 )
VccW(3 )
HinW(4 )
LinW(5 )
OP+(6 )
OPOUT(7 )
OP-(8 )
VccV(9 )
GND
LIN
VCC
HVG
CIN
SD/OD
OUT
LVG
Vboot
HIN
GND
OPOUT
LIN
VCC
HVG
OP+
OP-
SD/OD
OUT
LVG
Vboot
HIN
GND
LIN
VCC
HVG
SD/OD
OUT
LVG
Vboot
HIN
ADG171120161035SA
STIPN2M50-H
Internal schematic diagram and pin configuration
DS11935 - Rev 6
page 2/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com