Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPN2M50-H Datasheet(PDF) 1 Page - STMicroelectronics

Part # IPN2M50-H
Description  SLLIMM-nano IPM, 3-phase inverter, 2 A, 1.7 Ω max., 500 V MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPN2M50-H Datasheet(HTML) 1 Page - STMicroelectronics

  IPN2M50-H Datasheet HTML 1Page - STMicroelectronics IPN2M50-H Datasheet HTML 2Page - STMicroelectronics IPN2M50-H Datasheet HTML 3Page - STMicroelectronics IPN2M50-H Datasheet HTML 4Page - STMicroelectronics IPN2M50-H Datasheet HTML 5Page - STMicroelectronics IPN2M50-H Datasheet HTML 6Page - STMicroelectronics IPN2M50-H Datasheet HTML 7Page - STMicroelectronics IPN2M50-H Datasheet HTML 8Page - STMicroelectronics IPN2M50-H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
NDIP-26L
Features
•
IPM 2 A, 500 V, RDS(on) = 1.7 Ω, 3-phase MOSFET inverter bridge including
control ICs for gate driving
•
Optimized for low electromagnetic interference
•
3.3 V, 5 V, 15 V CMOS/TTL input comparators with hysteresis and pull-down/
pull-up resistors
•
Undervoltage lockout
•
Internal bootstrap diode
•
Interlocking function
•
Shutdown function
•
Comparator for fault protection against overtemperature and overcurrent
•
Op-amp for advanced current sensing
•
Optimized pinout for easy board layout
•
Up to ±2 kV ESD protection (HBM C = 100 pF, R = 1.5 kΩ)
Applications
•
3-phase inverters for motor drives
•
Dish washers
•
Refrigerator compressors
•
Air-conditioning fans
•
Draining and recirculation pumps
Description
This SLLIMM (small low-loss intelligent molded module) nano provides a compact,
high-performance AC motor drive in a simple, rugged design. It is composed of six
MOSFETs and three half-bridge HVICs for gate driving, providing low
electromagnetic interference (EMI) characteristics with optimized switching speed.
The package is optimized for thermal performance and compactness in built-in motor
applications, or other low power applications where assembly space is limited. This
IPM includes an operational amplifier, completely uncommitted, and a comparator
that can be used to design a fast and efficient protection circuit. SLLIMM is a
trademark of STMicroelectronics.
Product status link
STIPN2M50-H
Product summary
Order code
STIPN2M50-H
Marking
IPN2M50-H
Package
NDIP-26L
Packing
Tube
SLLIMM-nano IPM, 3-phase inverter, 2 A, 1.7 Ω max., 500 V MOSFET
STIPN2M50-H
Datasheet
DS11935 - Rev 6 - January 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - IPN2M50-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IPN2M50T-H STMICROELECTRONICS-IPN2M50T-H Datasheet
1Mb / 25P
3-phase inverters for small power motor drives
01-Feb-2017
IPN2M50T-HL STMICROELECTRONICS-IPN2M50T-HL Datasheet
1,003Kb / 23P
Undervoltage lockout
01-Feb-2017
More results

Similar Description - IPN2M50-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPQ3H60T-HL STMICROELECTRONICS-STGIPQ3H60T-HL Datasheet
1Mb / 26P
SLLIMM™ nano - 2 nd series IPM, 3 A, 600 V, 3-phase IGBT inverter bridge
21-Mar-2017
STGIPNS3H60T-H STMICROELECTRONICS-STGIPNS3H60T-H Datasheet
1Mb / 23P
SLLIMM-nano IPM, 3 A, 600 V, 3-phase inverter IGBT
15-Oct-2019
STIB1560DM2-L STMICROELECTRONICS-STIB1560DM2-L Datasheet
864Kb / 22P
SLLIMM - 2nd series IPM, 3-phase inverter, 0.15 Ω typ., 15 A, 600 V Power MOSFET
25-Jul-2019
STIPNS1M50SDT-H STMICROELECTRONICS-STIPNS1M50SDT-H Datasheet
1Mb / 20P
SLLIMM-nano IPM, 3-phase inverter, 1 A, 3.6 Ω max., 500 V MOSFET
21-Aug-2019
STIPNS1M50T-H STMICROELECTRONICS-STIPNS1M50T-H Datasheet
1Mb / 23P
SLLIMM-nano IPM, 3-phase inverter, 1 A, 3.6 Ω max., 500 V MOSFET
19-Aug-2019
STIPNS2M50-H STMICROELECTRONICS-STIPNS2M50-H Datasheet
1Mb / 20P
SLLIMM-nano IPM, 3-phase inverter, 2 A, 1.7 Ω max., 500 V MOSFET
26-Aug-2019
STIPNS2M50T-H STMICROELECTRONICS-STIPNS2M50T-H Datasheet
1Mb / 23P
SLLIMM-nano IPM, 3-phase inverter, 2 A, 1.7 Ω max., 500 V MOSFET
22-Aug-2019
STGIPQ3H60T-HLS STMICROELECTRONICS-STGIPQ3H60T-HLS Datasheet
1Mb / 26P
SLLIMM-nano, 2nd series IPM, 3 A, 600 V, 3-phase inverter bridge IGBT
05-Sep-2022
STGIPN3HD60-H STMICROELECTRONICS-STGIPN3HD60-H Datasheet
1Mb / 21P
SLLIMM-nano IPM, 3 A, 600 V 3-phase inverter bridge IGBT
07-Jan-2020
STIPN1M50T-H STMICROELECTRONICS-STIPN1M50T-H_V01 Datasheet
1,015Kb / 23P
SLLIMM-nano IPM, 3-phase inverter, 1 A, 3.6 Ω max., 500 V MOSFET
28-Jan-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com