Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPN2M50-H Datasheet (PDF) - STMicroelectronics

IPN2M50-H Datasheet PDF - STMicroelectronics
Part # IPN2M50-H
Download  IPN2M50-H Download
File Size   981.45 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SLLIMM-nano IPM, 3-phase inverter, 2 A, 1.7 Ω max., 500 V MOSFET

IPN2M50-H Datasheet (PDF)

Go To PDF Page Download Datasheet
IPN2M50-H Datasheet PDF - STMicroelectronics

Part # IPN2M50-H
Download  IPN2M50-H Click to download

File Size   981.45 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SLLIMM-nano IPM, 3-phase inverter, 2 A, 1.7 Ω max., 500 V MOSFET

IPN2M50-H Datasheet (HTML) - STMicroelectronics


IPN2M50-H Product details

Description
This SLLIMM (small low-loss intelligent molded module) nano provides a compact,
high-performance AC motor drive in a simple, rugged design. It is composed of six
MOSFETs and three half-bridge HVICs for gate driving, providing low
electromagnetic interference (EMI) characteristics with optimized switching speed.
The package is optimized for thermal performance and compactness in built-in motor
applications, or other low power applications where assembly space is limited. This
IPM includes an operational amplifier, completely uncommitted, and a comparator
that can be used to design a fast and efficient protection circuit. SLLIMM is a
trademark of STMicroelectronics.

Features
• IPM 2 A, 500 V, RDS(on) = 1.7 Ω, 3-phase MOSFET inverter bridge including
control ICs for gate driving
• Optimized for low electromagnetic interference
• 3.3 V, 5 V, 15 V CMOS/TTL input comparators with hysteresis and pull-down/
pull-up resistors
• Undervoltage lockout
• Internal bootstrap diode
• Interlocking function
• Shutdown function
• Comparator for fault protection against overtemperature and overcurrent
• Op-amp for advanced current sensing
• Optimized pinout for easy board layout
• Up to ±2 kV ESD protection (HBM C = 100 pF, R = 1.5 kΩ)

Applications
• 3-phase inverters for motor drives
• Dish washers
• Refrigerator compressors
• Air-conditioning fans
• Draining and recirculation pumps




Similar Part No. - IPN2M50-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IPN2M50T-H STMICROELECTRONICS-IPN2M50T-H Datasheet
1Mb / 25P
3-phase inverters for small power motor drives
01-Feb-2017
IPN2M50T-HL STMICROELECTRONICS-IPN2M50T-HL Datasheet
1,003Kb / 23P
Undervoltage lockout
01-Feb-2017
More results


Similar Description - IPN2M50-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPQ3H60T-HL STMICROELECTRONICS-STGIPQ3H60T-HL Datasheet
1Mb / 26P
SLLIMM™ nano - 2 nd series IPM, 3 A, 600 V, 3-phase IGBT inverter bridge
21-Mar-2017
STGIPNS3H60T-H STMICROELECTRONICS-STGIPNS3H60T-H Datasheet
1Mb / 23P
SLLIMM-nano IPM, 3 A, 600 V, 3-phase inverter IGBT
15-Oct-2019
STIB1560DM2-L STMICROELECTRONICS-STIB1560DM2-L Datasheet
864Kb / 22P
SLLIMM - 2nd series IPM, 3-phase inverter, 0.15 Ω typ., 15 A, 600 V Power MOSFET
25-Jul-2019
STIPNS1M50SDT-H STMICROELECTRONICS-STIPNS1M50SDT-H Datasheet
1Mb / 20P
SLLIMM-nano IPM, 3-phase inverter, 1 A, 3.6 Ω max., 500 V MOSFET
21-Aug-2019
STIPNS1M50T-H STMICROELECTRONICS-STIPNS1M50T-H Datasheet
1Mb / 23P
SLLIMM-nano IPM, 3-phase inverter, 1 A, 3.6 Ω max., 500 V MOSFET
19-Aug-2019
STIPNS2M50-H STMICROELECTRONICS-STIPNS2M50-H Datasheet
1Mb / 20P
SLLIMM-nano IPM, 3-phase inverter, 2 A, 1.7 Ω max., 500 V MOSFET
26-Aug-2019
STIPNS2M50T-H STMICROELECTRONICS-STIPNS2M50T-H Datasheet
1Mb / 23P
SLLIMM-nano IPM, 3-phase inverter, 2 A, 1.7 Ω max., 500 V MOSFET
22-Aug-2019
STGIPQ3H60T-HLS STMICROELECTRONICS-STGIPQ3H60T-HLS Datasheet
1Mb / 26P
SLLIMM-nano, 2nd series IPM, 3 A, 600 V, 3-phase inverter bridge IGBT
05-Sep-2022
STGIPN3HD60-H STMICROELECTRONICS-STGIPN3HD60-H Datasheet
1Mb / 21P
SLLIMM-nano IPM, 3 A, 600 V 3-phase inverter bridge IGBT
07-Jan-2020
STIPN1M50T-H STMICROELECTRONICS-STIPN1M50T-H_V01 Datasheet
1,015Kb / 23P
SLLIMM-nano IPM, 3-phase inverter, 1 A, 3.6 Ω max., 500 V MOSFET
28-Jan-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com