Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9779PCB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9779PCB
Description  Dual 16-Bit, 1.0 GSPS D/A Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779PCB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9779PCB Datasheet HTML 11Page - Analog Devices AD9779PCB Datasheet HTML 12Page - Analog Devices AD9779PCB Datasheet HTML 13Page - Analog Devices AD9779PCB Datasheet HTML 14Page - Analog Devices AD9779PCB Datasheet HTML 15Page - Analog Devices AD9779PCB Datasheet HTML 16Page - Analog Devices AD9779PCB Datasheet HTML 17Page - Analog Devices AD9779PCB Datasheet HTML 18Page - Analog Devices AD9779PCB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Preliminary Technical Data
AD9779
Rev. PrD | Page 15 of 34
10h
15
Auxiliary DAC2 Data <7:0>
00h
Aux 2 DAC
Control
Register
11h
16
Auxiliary
DAC2 Sign
Auxiliary
DAC2
Current
Direction
Auxiliary
DAC2 Power
Down
Auxiliary DAC2 Data
<9:8>
00h
12h
17
Cross Updel <7:0>
00h
13h
18
Cross Dndel <7:0>
00h
14h
19
Cross Clock Divide <3:0>
Cross Wiggle Delay <3:0>
00h
Cross
Register
15h
20
Cross Run
Cross Status
Cross Done
Cross Wiggle <2:0>
Cross Step <1:0>
00h
Analog
Write
16h
23
Analog Write <7:0>
00h
17h
21
Mirror Roll Off <1:0>
Band Gap Trim <2:0>
00h
Analog
Control
Register
18h
22
Stack Headroom Control<7:0>
CAh
Analog
Status
Register
19h
25
Analog Status <7:0>
--h
Test 1
Register
1Ah
26
MISR Enable
MISR IQ
Select
MISR
Samples
Internal
Data
Enable
Test Mode <2:0>
00h
1Bh
27
BIST<31:24>
--h
1Ch
28
BIST<23:16>
--h
1Dh
29
BIST<15:8>
--h
Test 2
Register
1Eh
30
BIST<7:0>
--h
Table 11
: SPI Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com