Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9779PCB Datasheet(PDF) 24 Page - Analog Devices

Part # AD9779PCB
Description  Dual 16-Bit, 1.0 GSPS D/A Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779PCB Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9779PCB Datasheet HTML 20Page - Analog Devices AD9779PCB Datasheet HTML 21Page - Analog Devices AD9779PCB Datasheet HTML 22Page - Analog Devices AD9779PCB Datasheet HTML 23Page - Analog Devices AD9779PCB Datasheet HTML 24Page - Analog Devices AD9779PCB Datasheet HTML 25Page - Analog Devices AD9779PCB Datasheet HTML 26Page - Analog Devices AD9779PCB Datasheet HTML 27Page - Analog Devices AD9779PCB Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
AD9779
Preliminary Technical Data
Rev. PrD | Page 24 of 34
tH
tS
tD
Refe rence Clock
DATA CLK out
Input Data
Figure 34. Timing Specifications for AD9779, PLL Enabled, Reference Clock = 2x Input Sample Rate
tH
tS
tD
Refe rence Clock
DATA CLK out
Input Data
Figure 35. Timing Specifications for AD9779, PLL Enabled, Reference Clock = 4x Input Sample Rate
tH
tS
tD
tS=-2.3ns typ
tH=3.7ns typ
tD=5.5ns typ
Refe rence Clock
DATA CLK out
Input Data
Figure 36. Timing Specifications for AD9779, PLL Disabled, 4x Interpolation
Using Data Delay to Meet Timing Requirements
In order to meet strict timing requirements at input data rates of up
to 250MSPS, the AD9779 has a fine timing feature. Fine timing
adjustments can be made by programming values into the DATA
CLOCK DELAY register (reg 03h, 5:3). By changing the values in
this register, delay can be added to the default delay between the
DACCLK in the DATACLK out. The effect of this is shown in
Figure 37 and Figure 38.
Figure 37. Delay from DACCLK to DATACLK out with CLK DATA DELAY = 000
Figure 38. . Delay from DACCLK to DATACLK out with CLK DATA DELAY = 111
The difference between the default delay of Figure 37 and the
maximum delay shown in Figure 38 is the range programmable via
the DATA CLK DELAY register. The resulting delays when
programming DATA CLK DELAY between 000 and 111 are a
linear extrapolation between these two figures. (typically 300ps-
400ps per increment to DATA CLK DELAY).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com